Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2069DDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2069DDBVT
Descripción Electrónicos  Current Limited, Power-Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2069DDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2069DDBVT Datasheet HTML 5Page - Texas Instruments TPS2069DDBVT Datasheet HTML 6Page - Texas Instruments TPS2069DDBVT Datasheet HTML 7Page - Texas Instruments TPS2069DDBVT Datasheet HTML 8Page - Texas Instruments TPS2069DDBVT Datasheet HTML 9Page - Texas Instruments TPS2069DDBVT Datasheet HTML 10Page - Texas Instruments TPS2069DDBVT Datasheet HTML 11Page - Texas Instruments TPS2069DDBVT Datasheet HTML 12Page - Texas Instruments TPS2069DDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
−40
−20
0
20
40
60
80
100
120
140
0.5 A, 1 A, 5 V
1.5 A, 2 A, 5 V
1.5 A, 2 A, 4.5 V
1.5 A, 2 A, 5.5 V
Junction Temperature (°C)
G029
40
50
60
70
80
90
100
110
120
130
140
−40
−20
0
20
40
60
80
100
120
140
0.5-A, 1-A Rated
1.5-A, 2-A Rated
Junction Temperature (°C)
G030
0.325
0.350
0.375
0.400
0.425
0.450
0.475
−40
−20
0
20
40
60
80
100
120
140
0.5-A and 1-A Rated, V IN = 5 V
1.5-A and 2-A Rated, V IN = 5 V
1.5-A and 2-A Rated, V IN = 4.5 V
1.5-A and 2-A Rated, V IN = 5.5 V
Junction Temperature (°C)
G028
40
45
50
55
60
65
70
75
80
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Input Voltage (V)
G027
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Output Voltage (V)
G025
50
55
60
65
70
75
80
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
G026
9
TPS2069D
www.ti.com
SLVSDQ5 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All Unit Types
VIN = 0 V
Figure 13. Reverse Leakage Current (IREV) vs Output Voltage
All Unit Types
VIN = 5.5 V
Figure 14. Enabled Supply Current (ISE) vs Temperature
Figure 15. Enabled Supply Current (ISE) vs Input Voltage
COUT = 1 µF
RLOAD = 100 Ω
Figure 16. Output Fall Time (TF) vs Temperature
COUT = 1 µF
RLOAD = 100 Ω
Figure 17. Output Rise Time (TR) vs Temperature
VIN = 5 V
Figure 18. Input-Output Resistance (RDS(ON)) vs Temperature


Número de pieza similar - TPS2069DDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2069DGN TI-TPS2069DGN Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2069DGN TI1-TPS2069DGN Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2069DGNG4 TI1-TPS2069DGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2069DGNR TI-TPS2069DGNR Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2069DGNR TI1-TPS2069DGNR Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2069DDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com