Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DRV401-Q1
Descripción Electrónicos  DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV401-Q1 Datasheet HTML 24Page - Texas Instruments DRV401-Q1 Datasheet HTML 25Page - Texas Instruments DRV401-Q1 Datasheet HTML 26Page - Texas Instruments DRV401-Q1 Datasheet HTML 27Page - Texas Instruments DRV401-Q1 Datasheet HTML 28Page - Texas Instruments DRV401-Q1 Datasheet HTML 29Page - Texas Instruments DRV401-Q1 Datasheet HTML 30Page - Texas Instruments DRV401-Q1 Datasheet HTML 31Page - Texas Instruments DRV401-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
20 ms/div
1
4
2
3
V(DEMAG)
V(I
)
COMP2
V
OUT
V(ERROR)
106 ms
R
= 10
SH
W
20 ms/div
1
4
V
DD1
V(ERROR)
2
V(IS1)
3
V(I
)
COMP2
42 s
m
Initial setting upon
closing of feedback loop.
20 ms/div
1
4
2
3
R
= 10
SH
W
V
DD1
V(I
)
COMP2
V
OUT
V(ERROR)
106 ms
28
DRV401-Q1
SBOS814 – DECEMBER 2016
www.ti.com
Product Folder Links: DRV401-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The DRV401-Q operates from a single power supply, nominally 5 V, and must remain between 4.5 V and 5.5 V
for normal operation. See Figure 46, Figure 47, Figure 48, and Figure 49 for device power-on behavior.
With power-up, the VOUT across the compensation coil centers around half the supply and then starts the cycle after
the 4-V threshold is exceeded. The ERROR flag resets to H after the cycle is completed.
Figure 46. Demagnetization and Power-On Timing: Demagnetization Cycle on Power-Up
The probe oscillation V(IS1) starts just before ERROR resets—15 μs after the supply voltage crosses the 4-V
threshold.
Figure 47. Demagnetization and Power-On Timing: Power-Up Without Demagnetization
Figure 48. Demagnetization and Power-On Timing: Demagnetization Cycle On Command


Número de pieza similar - DRV401-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com