Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DRV401-Q1
Descripción Electrónicos  DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV401-Q1 Datasheet HTML 7Page - Texas Instruments DRV401-Q1 Datasheet HTML 8Page - Texas Instruments DRV401-Q1 Datasheet HTML 9Page - Texas Instruments DRV401-Q1 Datasheet HTML 10Page - Texas Instruments DRV401-Q1 Datasheet HTML 11Page - Texas Instruments DRV401-Q1 Datasheet HTML 12Page - Texas Instruments DRV401-Q1 Datasheet HTML 13Page - Texas Instruments DRV401-Q1 Datasheet HTML 14Page - Texas Instruments DRV401-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
5.00
4.75
4.50
4.25
4.00
1.00
0.75
0.50
0.25
0
0
50
100
150
200
250
300
Output Current (mA)
-
°
50 C
25 C
°
125 C
°
-
°
50 C
25 C
°
125 C
°
35.0
32.5
30.0
27.5
25.0
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
Gain (ppm/V)
V
V
= 4.2 V
I
= 210 mA
Gain Pin Low
ICOMP1
ICOMP2
LOAD
-
2000
1500
1000
500
0
-500
-1000
-1500
-2000
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
At 400 kHz, 5.0 V
At 250 kHz, 5.0 V
70
60
50
40
30
20
10
0
1 k
100
10 k
100 k
Frequency (Hz)
Pin Gain = Low
Pin Gain = High
50.250
50.125
50.000
49.875
49.750
49.625
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
11
DRV401-Q1
www.ti.com
SBOS814 – DECEMBER 2016
Product Folder Links: DRV401-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C and VDD1 = VDD2 = 5 V with external 100-kHz filter bandwidth, (unless otherwise noted)
Figure 19. Differential Amplifier: REFIN Resistance vs
Temperature
Figure 20. Compensation Loop: Small-Signal Gain
Figure 21. Compensation Loop: Duty Cycle Error vs
Temperature
Figure 22. Compensation Loop: DC Gain: Duty Cycle Error
Change
Figure 23. ICOMP Output Swing to Rail vs Output Current
Figure 24. Probe Comparator Threshold Current vs
Temperature


Número de pieza similar - DRV401-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com