Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3852H33DRBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3852H33DRBT
Descripción Electrónicos  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3852H33DRBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3852H33DRBT Datasheet HTML 2Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 3Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 4Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 5Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 6Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 7Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 8Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 9Page - Texas Instruments TPS3852H33DRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
VDD
RESET
WDI
WDO
tRST
tRST
tRST
VPOR
VITN
t < tWDU
tWDL < t < tWDU
(1)
t < tWDL
X
VITN + VHYST
VITN
X
tRST-DEL
t < tWDU
6
TPS3852
SBVS302 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS3852
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
SET1 = 0 means VSET1 < VIL, SET1 = 1 means VSET1 > VIH
6.6 Timing Requirements
At VITN + VHYST ≤ VDD ≤ 6.5 V over the operating temperature range of –40°C ≤ TA, T J ≤ 125°C, unless otherwise noted. The
open-drain pull-up resistors are 10 kΩ for each output. Typical values are at TJ = 25°C.
MIN
TYP
MAX
UNIT
tINIT
CWD pin evaluation period
381
µs
Minimum MR, SET1 pin pulse duration
1
µs
Startup delay
300
µs
RESET FUNCTION
tRST
Reset timeout period
170
200
230
ms
tRST-DEL VDD to RESET delay
VDD = VITN + VHYST + 2.5%
35
µs
VDD = VITN - 2.5%
17
tMR-DEL
MR to RESET delay
200
ns
Watchdog Function
tWDL
Window watchdog lower boundary
CWD = NC, SET1 = 0(1)
Watchdog disabled
CWD = NC, SET1 = 1(1)
680
800
920
ms
CWD = 10kΩ to VDD,
SET1 = 0(1)
Watchdog disabled
CWD = 10kΩ to VDD,
SET1 = 1(1)
1.5
1.85
2.2
ms
tWDU
Window watchdog upper boundary
CWD = NC, SET1 = 0(1)
Watchdog disabled
CWD = NC, SET1 = 1(1)
1360
1600
1840
ms
CWD = 10kΩ to VDD,
SET1 = 0(1)
Watchdog disabled
CWD = 10kΩ to VDD,
SET1 = 1(1)
9.3
11.0
12.7
ms
tWD-
setup
Setup time required for part to respond to changes on WDI after
being enabled
150
µs
Minimum WDI pulse width
50
ns
tWD-DEL
WDI to WDO Delay
50
ns
(1)
See Figure 2 for WDI timing requirements.
Figure 1. Timing Diagram


Número de pieza similar - TPS3852H33DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3852H33QDRBRQ1 TI1-TPS3852H33QDRBRQ1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
More results

Descripción similar - TPS3852H33DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com