Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEPR60-36170AZ Datasheet(PDF) 4 Page - AIMTEC

No. de pieza AMEPR60-36170AZ
Descripción Electrónicos  AC-DC Constant Current or Constant Voltage LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-36170AZ Datasheet(HTML) 4 Page - AIMTEC

  AMEPR60-36170AZ Datasheet HTML 1Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 2Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 3Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 4Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 5Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 6Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 7Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 8Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AE
4 of 14
North America only
AMEPR60-AZ Analog (0-10V) Dimming Application Circuit
AMEPR60-AZ PWM (1KHz) Dimming Application Circuit


Número de pieza similar - AMEPR60-36170AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR60-36170AZ AIMTEC-AMEPR60-36170AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
AMEPR60-36170AZ AIMTEC-AMEPR60-36170AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Descripción similar - AMEPR60-36170AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com