Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLD-36130IZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMLD-36130IZ
Descripción Electrónicos  Up to 2000mA | LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-36130IZ Datasheet(HTML) 3 Page - AIMTEC

  AMLD-36130IZ Datasheet HTML 1Page - AIMTEC AMLD-36130IZ Datasheet HTML 2Page - AIMTEC AMLD-36130IZ Datasheet HTML 3Page - AIMTEC AMLD-36130IZ Datasheet HTML 4Page - AIMTEC AMLD-36130IZ Datasheet HTML 5Page - AIMTEC AMLD-36130IZ Datasheet HTML 6Page - AIMTEC AMLD-36130IZ Datasheet HTML 7Page - AIMTEC AMLD-36130IZ Datasheet HTML 8Page - AIMTEC AMLD-36130IZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Series AMLD-IZ
Up to 2000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.Q
3 of 12
North America only
Dimensions (1.3A, 1.4A, & 1.5A models)
Dimensions (1.6A, 1.8A, & 2.0A models)
1
2
3
15.19
(0.60)
50.70
(1.99)
Bottom
View
4
5
Notes:
All dimensions are typical in millimeters (inches).
Pin Pitch Tolerance ±0.05 (±0.002)
Case Tolerance ±0.25 (±0.01)
20.32
(0.80)
50.70
(1.99)
Φ 1.00
(0.04)
Pin
Single
1
+Vin
2
-Vin
3
Remote On/Off &
PWM Dimming
4
LED +
5
LED -
31.80
(1.25)
23 22
2
3
16
14
9
11
20.30
(0.80)
1
24
15.24
(0.60)
11.30
(0.45)
3.80
(0.15)
Bottom View
0.50
(0.02)
2.54
(0.1)
5.08
(0.2)


Número de pieza similar - AMLD-36130IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-36130IZ AIMTEC-AMLD-36130IZ Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
More results

Descripción similar - AMLD-36130IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com