Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMSR-7809-NZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMSR-7809-NZ
Descripción Electrónicos  Up to7.5Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR-7809-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMSR-7809-NZ Datasheet HTML 1Page - AIMTEC AMSR-7809-NZ Datasheet HTML 2Page - AIMTEC AMSR-7809-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMSR-78-NZ
Up to7.5Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
3 of 3
North America only
Optional EMI Circuit
AMSR-78XX- NZ
1
3
2
Vout
Vin
GND
GND
C2
C3
4.7µF
50V
LDM
33µH
C1
10µF
50V
Optional Surge Circuit
AMSR-78XX- NZ
1
3
2
Vout
Vin
GND
GND
C2
C0
120µF
50V
LDM
82µH
C1
10µF
50V
+
MOV
S10K35
LDM
82µH
Fuse
Customer
Selectable
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
AMSR-78XX- NZ
1
3
2
Vout
Vin
GND
GND
C2
C1
10µF
Standard Application Circuit
C1: A low ESR capacitor is required to keep the noise of the converter to a minimum.
Ceramic capacitors are recommended, but tantalum or electrolytic may be used. Typical value is 10µF / 50V.
C2: Installation of C2 is recommended but optional. Typical recommended value is 3.3V output 10µF / 6.3V
electrolytic, 5V output 10µF / 10V electrolytic, 6.5V & 9V output 10µF / 16V electrolytic, 12V& 15V 10µF / 25V
electrolytic.
NOTE: This part is not designed for parallel operation


Número de pieza similar - AMSR-7809-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSR-7809-NZ AIMTEC-AMSR-7809-NZ Datasheet
230Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-7809-NZ AIMTEC-AMSR-7809-NZ Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-7809-NZ AIMTEC-AMSR-7809-NZ Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
More results

Descripción similar - AMSR-7809-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRO-78-NZ AIMTEC-AMSRO-78-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSRO-783.3-NZ AIMTEC-AMSRO-783.3-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRO1-78-NZ AIMTEC-AMSRO1-78-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-783.3-NZ AIMTEC-AMSRI1-783.3-NZ Datasheet
492Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSRO1-783.3-NZ AIMTEC-AMSRO1-783.3-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSR-78Z AIMTEC-AMSR-78Z_16 Datasheet
164Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com