Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMSR-7809Z Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMSR-7809Z
Descripción Electrónicos  Up to 7.5Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR-7809Z Datasheet(HTML) 3 Page - AIMTEC

  AMSR-7809Z Datasheet HTML 1Page - AIMTEC AMSR-7809Z Datasheet HTML 2Page - AIMTEC AMSR-7809Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMSR-78Z
Up to 7.5Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.E
3 of 3
North America only
Recommended Circuits
Conducted and Radiated Emissions
EFT/Surge
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Número de pieza similar - AMSR-7809Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSR-7809Z AIMTEC-AMSR-7809Z Datasheet
245Kb / 2P
   Up to 7.5Watt | DC-DC Converter
More results

Descripción similar - AMSR-7809Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB1-78-Z AIMTEC-AMSRB1-78-Z Datasheet
209Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_16 Datasheet
286Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_1 Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78Z AIMTEC-AMSR-78Z Datasheet
245Kb / 2P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z Datasheet
379Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_13 Datasheet
280Kb / 4P
   Up to 7.5Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com