Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEOC40-24SMAZ Datasheet(PDF) 4 Page - AIMTEC

No. de pieza AMEOC40-24SMAZ
Descripción Electrónicos  40 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOC40-24SMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEOC40-24SMAZ Datasheet HTML 1Page - AIMTEC AMEOC40-24SMAZ Datasheet HTML 2Page - AIMTEC AMEOC40-24SMAZ Datasheet HTML 3Page - AIMTEC AMEOC40-24SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEOC40-MAZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.M
4 of 4
North America only
Derating
Earth/Ground Connection EMC EN55022 class B compliant Application circuit
The Application circuit is EMC compliant for any type of Earth/Ground connection: Input Ground connection, Output Ground connection as
shown or both sides, which is not recommended if the product Isolation is used as a Safety feature.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
L
N
90-264VAC
AMExw40‐MAZ
+Vout
-Vout
        
 
              
      CX1
        0.6uF
      CX2
        0.6uF
L1
35mH
ASE2501V‐G


Número de pieza similar - AMEOC40-24SMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEOC40-24SMAZ AIMTEC-AMEOC40-24SMAZ Datasheet
306Kb / 4P
   40 Watt | AC/DC Converter
AMEOC40-24SMAZ AIMTEC-AMEOC40-24SMAZ Datasheet
478Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AMEOC40-24SMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ-1 AIMTEC-AMEC40-MAZ-1_16 Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com