Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEOR30-12250AZ Datasheet(PDF) 11 Page - AIMTEC

No. de pieza AMEOR30-12250AZ
Descripción Electrónicos  up to 2.5A | AC-DC / DC-DC LED driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30-12250AZ Datasheet(HTML) 11 Page - AIMTEC

Back Button AMEOR30-12250AZ Datasheet HTML 7Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 8Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 9Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 10Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 11Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 12Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 13Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 14Page - AIMTEC AMEOR30-12250AZ Datasheet HTML 15Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Series AMEOR30-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
11 of 15
North America only
Constant Current vs. Constant Voltage Mode
(continued)
AMEOR30-36100AZ
AMEOR30-24140AZ


Número de pieza similar - AMEOR30-12250AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEOR30-12250AZ AIMTEC-AMEOR30-12250AZ Datasheet
897Kb / 14P
   DC-DC LED driver
AMEOR30-12250AZ AIMTEC-AMEOR30-12250AZ Datasheet
762Kb / 15P
   Over Temperature Protection
AMEOR30-12250AZ AIMTEC-AMEOR30-12250AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
More results

Descripción similar - AMEOR30-12250AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com