Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25VF032B-80-4I-S2AF Datasheet(PDF) 20 Page - Microchip Technology

No. de pieza SST25VF032B-80-4I-S2AF
Descripción Electrónicos  32 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B-80-4I-S2AF Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25VF032B-80-4I-S2AF Datasheet HTML 16Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 17Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 18Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 19Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 20Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 21Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 22Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 23Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
©2015
DS20005071B
04/15
20
32 Mbit SPI Serial Flash
SST25VF032B
EOL Data Sheet
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the device as SST25VF032B and manufacturer as SST. The
device information can be read from executing an 8-bit command, 90H or ABH, followed by address
bits [A23-A0]. Following the Read-ID instruction, the manufacturer’s ID is located in address 00000H
and the device ID is located in address 00001H. Once the device is in Read-ID mode, the manufac-
turer’s and device ID output data toggles between address 00000H and 00001H until terminated by a
low to high transition on CE#.
Refer to Tables 6 and 7 for device identification data.
Figure 20:Read-ID Sequence
Table 6: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF032B
00001H
4AH
T6.0 20005071
1327 F21.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#.
1. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB


Número de pieza similar - SST25VF032B-80-4I-S2AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
More results

Descripción similar - SST25VF032B-80-4I-S2AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B_10 Datasheet
746Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com