Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25VF032B-80-4I-S2AF Datasheet(PDF) 27 Page - Microchip Technology

No. de pieza SST25VF032B-80-4I-S2AF
Descripción Electrónicos  32 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B-80-4I-S2AF Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST25VF032B-80-4I-S2AF Datasheet HTML 23Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 24Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 25Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 26Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 27Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 28Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 29Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 30Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
©2015
DS20005071B
04/15
27
32 Mbit SPI Serial Flash
SST25VF032B
EOL Data Sheet
Power-Up Specifications
All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100
ms (0v - 3.0V in less than 300 ms). See Table 14 and Figure 25 for more information.
Figure 25:Power-up Timing Diagram
Table 14: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
VDD Min to Read Operation
100
µs
TPU-WRITE1
VDD Min to Write Operation
100
µs
T14.0 20005071
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
All commands are rejected by the device.
1327 F26.0


Número de pieza similar - SST25VF032B-80-4I-S2AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
More results

Descripción similar - SST25VF032B-80-4I-S2AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B_10 Datasheet
746Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com