Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3600D20 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS3600D20
Descripción Electrónicos  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600D20 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3600D20 Datasheet HTML 2Page - Texas Instruments TPS3600D20 Datasheet HTML 3Page - Texas Instruments TPS3600D20 Datasheet HTML 4Page - Texas Instruments TPS3600D20 Datasheet HTML 5Page - Texas Instruments TPS3600D20 Datasheet HTML 6Page - Texas Instruments TPS3600D20 Datasheet HTML 7Page - Texas Instruments TPS3600D20 Datasheet HTML 8Page - Texas Instruments TPS3600D20 Datasheet HTML 9Page - Texas Instruments TPS3600D20 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BATTOK
9
O
Battery status output
BATTON
6
O
Logic output/external bypass switch driver output
CEIN
5
I
Chip-enable input
CEOUT
10
O
Chip-enable output
GND
3
I
Ground
MR
11
I
Manual reset input
MSWITCH
4
I
Manual switch to force device into battery-backup mode (connect to GND if not used)
PFI
7
I
Power-fail comparator input (connect to GND if not used)
PFO
8
O
Power-fail comparator output
RESET
13
O
Active-low reset output
VBAT
14
I
Backup-battery input
VDD
2
I
Input supply voltage
VOUT
1
O
Supply output
WDI
12
I
Watchdog timer input
detailed description
battery freshness seal
The battery freshness seal of the TPS3600 family disconnects the backup battery from the internal circuitry until
it is needed. This ensures that the backup battery connected to VBAT should be fresh when the final product is
put to use. The following steps explain how to enable the freshness seal mode:
1.
Connect VBAT (VBAT > VBAT(min))
2.
Ground PFO
3.
Connect PFI to VDD or PFI > V(PFI)
4.
Connect VDD to power supply (VDD > VIT)
5.
Ground MR
6.
Power down VDD
7.
The freshness seal mode is entered and pins PFO and MR can be disconnected.
The battery freshness seal mode is disabled by the positive-going edge of RESET when VDD is applied.
BATTOK output
This is a logic feedback of the device to indicate the status of the backup battery. The supervisor checks the
battery voltage every 200 ms with a voltage divider load of approximately 100 K
Ω and a measure cycle on-time
of 25
µs. This measurement cycle starts after the reset is released. If the battery voltage VBAT is below the
negative-going threshold voltage V(BOK), the indicator BATTOK does a high-to-low transition. Otherwise, its
status remains to the VOUT level.
Table 1. Typical Values for BATTOK Indication
SUPERVISOR TYPE
VIT TYP
VBOK MIN
VBOK TYP
VBOK MAX
TPS3600D20
1.78 V
1.84 V
1.91 V
1.97 V
TPS3600D25
2.22 V
2.3 V
2.38 V
2.46 V
TPS3600D33
2.93 V
3.04 V
3.14 V
3.24 V
TPS3600D50
4.40 V
4.56 V
4.71 V
4.86 V
www.ti.com


Número de pieza similar - TPS3600D20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWG4 TI-TPS3600D20PWG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWR TI-TPS3600D20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWRG4 TI-TPS3600D20PWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Descripción similar - TPS3600D20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com