Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1084CM-3.3 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

No. de pieza AMS1084CM-3.3
Descripción Electrónicos  High Efficiency Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CM-3.3 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS1084CM-3.3 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1084
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Current Limit
AMS1084/-1.5/-2.5/-
2.85/ -3.0/-3.3/-3.5/-5.0
(VIN - VOUT) = 5V
5.00
6.00
7.00
A
Minimum Load
Current
AMS1084
(VIN - VOUT) = 12V (Note 5)
5
10
mA
Quiescent Current
AMS1084/-1.5/-2.5/-
2.85/ -3.0/-3.3/-3.5/-5.0
VIN ≤ 12V
5
10
mA
Ripple Rejection
AMS1084
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A,
(VIN-VOUT ) = 3V, CADJ =25µF
60
75
dB
AMS1084-1.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A,
VIN = 4.5V
60
72
dB
AMS1084-2.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A,
VIN = 5.5V
60
72
dB
AMS1084-2.85
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A,
VIN = 6V
60
72
dB
AMS1084-3.0
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A
VIN = 6V
60
72
dB
AMS1084-3.3
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A
VIN = 6.3V
60
72
dB
AMS1084-3.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A
VIN = 6.5V
60
72
dB
AMS1084-5.0
f =120Hz , COUT = 25µF Tantalum, IOUT = 5A
VIN = 8V
60
68
dB
Thermal Regulation
AMS1084
TA = 25°C, 30ms pulse
0.008
0.04
%W
Adjust Pin Current
AMS1084
10mA ≤ IOUT ≤ 5A , 1.5V≤ (VIN - VOUT) ≤ 12V
55
120
µA
µA
Adjust Pin Current
Change
AMS1084
10mA ≤ IOUT ≤ 5A , 1.5V≤ (VIN - VOUT) ≤ 12V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA =125°C, 1000Hrs
0.3
1
%
RMS Output Noise
(% of VOUT )
TA = 25°C , 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Junction-to-Case
D Package: Control Circuitry/ Power Transistor
M/T Package: Control Circuitry/ Power Transistor
2/6.0
1.5/4.0
°C/W
°C/W
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Line and Load regulation are guaranteed up to 15W power dissipation for M and T package sand 2.2W for D package @25°C. Power dissipation is
determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output
range.
Note 3: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead ~1/8” from the package body.
Note 4: Dropout voltage is specified over the full output current range of the device.
Note 5: Minimum load current is defined as the minimum output current required to maintain regulation. When (VIN - VOUT) = 12V the device is guaranteed
to regulate if the output current is greater than 10mA.


Número de pieza similar - AMS1084CM-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1084CM-3.3 ADMOS-AMS1084CM-3.3 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
More results

Descripción similar - AMS1084CM-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Linear Technology
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com