Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS3100-1.2BM Datasheet(PDF) 1 Page - Advanced Monolithic Systems

No. de pieza AMS3100-1.2BM
Descripción Electrónicos  Battery Powered Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3100-1.2BM Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3100-1.2BM Datasheet HTML 1Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 2Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 3Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 4Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 5Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS3100-1.2
Monolithic
MICROPOWER VOLTAGE REFERENCE
Systems
FEATURES
APPLICATIONS
•• ±6 mV (±0.5%) max. initial tolerance (A grade)
•• Battery Powered Systems
•• Operating Current 10µµA to 20mA
•• Instrumentation
•• Low Voltage Reference 1.240
•• A/D, D/A Converters
•• Max. 0.5Ω
Ω Dynamic Impedance (A grade)
•• Temperature measurement
•• Low Temperature Coefficient
•• Current sources
•• SOT-23 Package Available
•• Notebook/Personal Computer
•• Low cost
•• Monitors/ VCR/ TV
•• Pagers
GENERAL DESCRIPTION
The AMS3100-1.2 are two-terminal micropower band-gap voltage reference that feature a very low dynamic impedance and
good temperature coefficient, operating over a 10µA to 20mA current range. AMS3100-1.2 is trimmed at wafer test level to
optimize the temperature coefficient and tight output voltage tolerance. The advanced process technology used, makes the
AMS3100-1.2 exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The
wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power
drain, makes these reference diodes useful for micropower circuitry. These voltage references can be used to make portable
meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more, the wide
operating current allows it to replace older references with a tight tolerance part. Pin to pin compatible with other standard
industry references, the AMS3100-1.2 offers the advantage of long term stability at low cost.
The AMS3100-1.2 is operating over a -40
°C to 85°C temperature range and is available in the space saving SOT-23
package.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
SOT-23
TEMPERATURE RANGE
±
6mV
AMS3100-1.2AM
-40
°C to 85°C
±
12mV AMS3100-1.2BM
-40
°C to 85°C
±
25mV AMS3100-1.2CM
-40
°C to 85°C
PIN CONNECTIONS
3L SOT-23
(M)
+
-
3 *
2
1
Top View
*This pin must be left floating or
connected to pin 2


Número de pieza similar - AMS3100-1.2BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3100-1.2BM ADMOS-AMS3100-1.2BM Datasheet
76Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results

Descripción similar - AMS3100-1.2BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com