Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS385-2.5CN Datasheet(PDF) 2 Page - Advanced Monolithic Systems

No. de pieza AMS385-2.5CN
Descripción Electrónicos  Battery Powered Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385-2.5CN Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS385-2.5CN Datasheet HTML 1Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 2Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 3Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 4Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 5Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 6Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 7Page - Advanced Monolithic Systems AMS385-2.5CN Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS285-2.5/AMS385-2.5
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information (25 sec)
265
°C
Operating Temperature Range
AMS285-2.5
-40
°C to 85°C
AMS385-2.5
0
°C to 70°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 µA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A-2.5
Min
Typ
Max
AMS285B-2.5
Min
Typ
Max
AMS285C-2.5
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
2.480
2.500
2.520
2.462
2.500
2.538
2.425
2.500
2.575
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Reverse Breakdown
Voltage Change with
current (Note 4)
10
µA ≤I
R ≤1mA
1mA
≤I
R ≤20mA
1.0
10
1.0
10
2.0
20
mV
Min. Operating
Current (Note 4)
12
18
20
13
20
30
13
20
30
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
120
120
120
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 µA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS385A-2.5
Min
Typ
Max
AMS385B-2.5
Min
Typ
Max
AMS385C-2.5
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
2.480
2.500
2.520
2.462
2.500
2.538
2.425
2.500
2.575
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Reverse Breakdown
Voltage Change with
Current (Note 4)
10
µA ≤I
R ≤1mA
1mA
≤I
R ≤20mA
1.0
10
2.0
20
2.0
20
mV
Min. Operating
Current (Note 4)
12
18
20
13
20
30
13
20
30
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
120
120
120
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm


Número de pieza similar - AMS385-2.5CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS385-2.5CN AMS-AMS385-2.5CN Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Descripción similar - AMS385-2.5CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com