Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

EXB28V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

No. de Pieza. EXB28V
Descripción  Chip Resistor Array
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NAIS [Nais(Matsushita Electric Works)]
Página de inicio  
Logo 

EXB28V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Subject
Chip Resistor Array PRODUCT SPECIFICATION FOR INFORMATION
Spec. No.
151-EXB-28V02DE
Part No.
EXB28V
EXB28V
EXB28V
EXB28V
9999----1111
MATSUSHITA ELECTRONIC COMPONENTS Co.,LTD.
1. Dimension
LW
T
A
B
Dimension(mm)
2.00
±0.10
1.00
±0.10
0.35
±0.05
0.20
±0.10
0.20
±0.10
PG
Dimension(mm)
0.50
±0.10
0.25
±0.10
2. Power derating curve
100
80
60
40
20
0
20
0
120
100
-40 -20
-60
80
60
40
140 160
-55
°C
70
°C
125
°C
Ambient Temperature(
°C)
Fig. 1
Category temperature range
-55
°C to +125°C
3. Ratings
Item
Rated Value
Explanation
0.031 W / element
When used at ambient temperature over 70
°C,
the rated dissipation should be reduced as shown
in Fig.1
Rated Dissipation
Chip jumper : Rated current 1 A (Resistance is less than 50 m
Ω)
Rated voltage
&
Rated Continuous
Working Voltage
(RCWV)
The rated voltage of each resistor should be calculated from the
equation below, and when the rated voltage exceeds the limiting
element voltage, the limiting element voltage should the maximum
working voltage.
E = P
× R
Limiting element voltage : 50 V
E: Rated voltage(V), P: Rated dissipation(W), R: Rated resistance(
Ω))
(1)Substrate
(2)Protective
coating
(3)Resistive
element
Alumina
Resin
Ruthenium oxide
(4)Termination
(Inner)
(5)Termination
(Between)
(6) Termination
(Outer)
Ag or Ag/Pd
Side:Resin+Metal
Ni Plating
Sn or Sn/ Pb
Plating
A
P
T
L
(0.3)
(0.2)
a
a’
(1) (2) (3) (4) (5) (6)
a-a’ sectional plan


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CAY10Chip Resistor Array 1 Bourns Electronic Solutions
EXB14VChip Resistor Array 1 2 3 4 5 MorePanasonic Semiconductor
RA1632CHIP RESISTOR ARRAY 1 2 List of Unclassifed Manufacturers
CAT10Chip Resistor Array 1 2 Bourns Electronic Solutions
P0402FCFLIP CHIP ARRAY 1 2 3 4 5 Protek Devices
ULC0404FC33CUNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 1 2 3 4 5 MoreProtek Devices
FCRN3030805 PRECISION THIN FILM RESISTOR CSP CHIP SCALE PACKAGE 1 2 California Micro Devices Corp
MNR12Chip resistor networks 1 2 3 4 5 MoreRohm
CHF190104CBF800 W Power RF Flanged Chip Termination/Resistor 1 Bourns Electronic Solutions
P0402FC33CFLIP CHIP ARRAY 1 2 3 4 5 Protek Devices

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn