Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS3813I50DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de Pieza. TPS3813I50DBVRG4
Descripción  Family Processor Supervisory Circuits With Window-Watchdog
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS3813I50DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
VDD − Threshold Overdrive Voltage − V
14
12
10
8
0
0.2
0.4
0.6
16
18
20
0.8
1
1.4
6
4
2
0
1.2
VI − Input Voltage at WDT − V
400
200
0
−200
0
1
2
3
600
800
1000
4
5
6
0 C
°
85 C
°
−40 C
°
25 C
°
−400
−600
−800
−1000
VDD = 6 V,
WDI = GND,
WDR = GND
TA − Free-Air Temperature At VDD − °C
0.998
0.997
0.996
0.995
−40
−20
0
20
0.999
1.000
1.001
40
60
80
WDI = Triggered,
WDR = GND,
WDT = GND
IOL − Low-Level Output Current − mA
1.25
1
0.75
0.50
0
1
2
3
1.50
1.75
2
4
5
7
0 C
°
85 C
°
−40 C
°
25 C
°
0.25
0
6
VDD = 2 V,
WDI = GND,
WDT = GND,
WDR = GND
VDD − Supply Voltage − V
14
12
10
8
0
1
2
3
16
18
20
4
6
6
4
2
0
5
0 C
°
85 C
°
−40 C
°
25 C
°
WDI = GND,
WDT = GND,
WDR = GND
8
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
SLVS331H – DECEMBER 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS3813J25 TPS3813L30 TPS3813K33 TPS3813I50
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
Figure 2. Supply Current vs Supply Voltage
Figure 3. Low-Level Output Voltage vs Low-Level Output
Current
Figure 4. Input Current vs Input Voltage at WDT
Figure 5. Normalized Input Threshold Voltage vs Free-Air
Temperature at VDD
Figure 6. Minimum Pulse Duration at VDD vs VDD Threshold Overdrive Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24