Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3620-50DGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3620-50DGKR
Descripción Electrónicos  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3620-50DGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3620-50DGKR Datasheet HTML 5Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 6Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 7Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 8Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 9Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 10Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 11Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 12Page - Texas Instruments TPS3620-50DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
TA = 25°C
TA = 85°C
TA = 0°C
TA = −40°C
IOL − Low-Level Output Current − mA
VDD = 3.3 V
VBAT = GND
0
100
200
300
400
500
0
1
2
3
4
5
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
IOL − Low-Level Output Current − mA
VDD = 3.3 V
VBAT = GND
Expanded View
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4 0.5
0.6
0.7
0.8
0.9
Threshold Overdrive at VDD − V
1
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
0
0.1
0.2
0.3
0.4
0.5
0.6 0.7 0.8
0.9
1
Threshold Overdrive at PFI − V
VDD = 1.65 V
TPS3619-33,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387H – APRIL 2001 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE AT RESET
LOW-LEVEL OUTPUT VOLTAGE AT RESET
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
MINIMUM PULSE DURATION AT VDD
MINIMUM PULSE DURATION AT PFI
vs
vs
THRESHOLD OVERDRIVE AT VDD
THRESHOLD OVERDRIVE AT PFI
Figure 11.
Figure 12.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS3619-33 TPS3619-50 TPS3620-33 TPS3620-50


Número de pieza similar - TPS3620-50DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3620-50DGKR TI-TPS3620-50DGKR Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-50DGKRG4 TI-TPS3620-50DGKRG4 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Descripción similar - TPS3620-50DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com