Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54262MPWPTEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54262MPWPTEP
Descripción Electrónicos  2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54262MPWPTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54262MPWPTEP Datasheet HTML 2Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 3Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 4Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 5Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 6Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 7Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 8Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 9Page - Texas Instruments TPS54262MPWPTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TPS54262-EP
SLVSDP3 – DECEMBER 2016
www.ti.com
Product Folder Links: TPS54262-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
DC Electrical Characteristics (continued)
VIN = 7 V to 48 V, EN = VIN, TJ = –55°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST(1)
MIN
TYP
MAX
UNIT
(2)
This is the current flowing into the VReg pin when voltage at OV_TH pin is 1 V.
ENABLE (EN)
VIL
Low input threshold voltage
PT
0.7
V
VIH
High input threshold voltage
PT
1.7
V
Ilkg
Leakage current into EN
terminal
EN = 60 V
PT
100
135
µA
EN = 12 V
8
15
RESET DELAY (Cdly)
IO
External capacitor charge
current
EN = high
PT
1.4
2
3
µA
VThreshold
Switching threshold voltage
Output voltage in regulation
PT
2
V
LOW-POWER MODE (LPM)
VIL
Low input threshold voltage
VIN = 12 V
PT
0.7
V
VIH
High input threshold voltage
VIN = 12 V
PT
1.7
V
Ilkg
Leakage current into LPM
terminal
LPM = 5 V
PT
65
95
µA
RESET OUTPUT (RST)
trdly
POR delay timer
Based on Cdly capacitor
PT
3.2
7 ms/nF
VReg_RST
Reset threshold voltage for
VReg
Check RST output
PT
0.768
0.832
V
tnRSTdly
Filter time
Delay before RST is asserted low
PT
10
20
35
µs
SOFT START (SS)
ISS
Soft-start source current
PT
40
50
60
µA
SYNCHRONIZATION (SYNC)
VIL
Low input threshold voltage
PT
0.7
V
VIH
High input threshold voltage
PT
1.7
V
Ilkg
Leakage current
SYNC = 5 V
PT
65
95
µA
SYNC (fext)
External input clock
frequency
VIN = 12 V, VReg = 5 V,
180 kHz < fsw < fext < 2 × fsw < 2.2 MHz
CT
180
2200
kHz
SYNCtrans
External clock to internal
clock
No external clock, VIN = 12 V, VReg = 5 V
Info
32
µs
SYNCtrans
Internal clock to external
clock
External clock = 1 MHz, VIN = 12 V,
VReg = 5 V
Info
2.5
µs
SYNCCLK
Minimum duty cycle
CT
30%
SYNCCLK
Maximum duty cycle
CT
70%
Rslew
IRslew
Rslew = 50 k
CT
20
µA
IRslew
Rslew = 10 k
CT
100
µA
OVERVOLTAGE SUPERVISORS (OV_TH)
VReg_OV
Threshold voltage for VReg
during overvoltage
Internal switch is turned off
PT
0.768
0.832
V
VReg = 5 V
Internal pulldown on VReg, OV_TH = 1 V
70(2)
mA
THERMAL SHUTDOWN
TSD
Thermal shutdown junction
temperature
CT
175
°C
THYS
Hysteresis
CT
30
°C


Número de pieza similar - TPS54262MPWPTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54262MPWPTEP TI1-TPS54262MPWPTEP Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
More results

Descripción similar - TPS54262MPWPTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54262-EP TI1-TPS54262-EP_19 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-Q1 TI-TPS54262-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TPS54262-Q1 Automotive 2-A 60-V Step-Down DC-DC Converter With Low I(q) and
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com