Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3813K33-Q1 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS3813K33-Q1
Descripción Electrónicos  Family Processor Supervisory Circuits With Window-Watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3813K33-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3813K33-Q1 Datasheet HTML 5Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 6Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 7Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 8Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 9Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 10Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 11Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 12Page - Texas Instruments TPS3813K33-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
RESET
WDT
_
+
Rising Edge
Detection
Watchdog
Ratio
Detection
Reset L ogic
and Timer
Bandgap
Voltage
Reference
Oscillator
Detection
Circuit
WDI
WDR
GND
VDD
Power t o c ircuitry
GND
R2
R1
GND
GND
Copyright © 2016, Texas Instruments Incorporated
9
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
www.ti.com
SLVS331H – DECEMBER 2000 – REVISED JULY 2016
Product Folder Links: TPS3813J25 TPS3813L30 TPS3813K33 TPS3813I50
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS3813xxx family of supervisory circuits provide circuit initialization and timing supervision signals. During
power on, RESET is asserted (low) when the supply voltage (VDD) increases above 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET low as long as VDD remains below the threshold voltage (VIT).
Once VDD increases above VIT, an internal timer delays the deassertion of the output to allow for a proper system
reset before RESET transitions to a high state. The delay time (td) is 25 ms typical and starts after VDD rises
above the VIT. When the supply voltage drops below VIT, the output transitions low again. All the devices of this
family have a fixed threshold voltage set by an internal voltage divider.
The TPS3813xxx family incorporates a so-called window-watchdog timer, which has a programmable delay and
window ratio. The supervised processor must trigger the WDI pin of the TPS3813xxx within the user-
programmable window to keep RESET from asserting. The upper limit of the watchdog time-out can be set by
either connecting WDT to GND, VDD, or using an external capacitor. The lower limit and thus the window ratio is
set by connecting WDR to GND or VDD.
8.2 Functional Block Diagram
8.3 Feature Description
The TPS3813xxx family incorporates both a voltage supervisor and a window-watchdog timer into a single
device. The device monitors the input voltage and the supervised processor must trigger the WDI pin of the
TPS3813xxx within the user-programmable window to keep RESET from asserting.


Número de pieza similar - TPS3813K33-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
More results

Descripción similar - TPS3813K33-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com