Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3813K33-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3813K33-EP
Descripción Electrónicos  Family Processor Supervisory Circuits With Window-Watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3813K33-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3813K33-EP Datasheet HTML 2Page - Texas Instruments TPS3813K33-EP Datasheet HTML 3Page - Texas Instruments TPS3813K33-EP Datasheet HTML 4Page - Texas Instruments TPS3813K33-EP Datasheet HTML 5Page - Texas Instruments TPS3813K33-EP Datasheet HTML 6Page - Texas Instruments TPS3813K33-EP Datasheet HTML 7Page - Texas Instruments TPS3813K33-EP Datasheet HTML 8Page - Texas Instruments TPS3813K33-EP Datasheet HTML 9Page - Texas Instruments TPS3813K33-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
SLVS331H – DECEMBER 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS3813J25 TPS3813L30 TPS3813K33 TPS3813I50
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) must be placed near to the supply terminals.
7.5 Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
VDD = 2 V to 6 V, IOL = 500 µA
0.2
V
VDD = 3.3 V IOL = 2 mA
0.4
VDD = 6 V, IOL = 4 mA
0.4
VPOR
Power up reset voltage (1)
VDD ≥ 1.1 V, IOL = 50 µA
0.2
V
VIT
Negative-going input threshold
voltage (2)
TPS3813J25
TA = –40°C to +85°C
2.2
2.25
2.3
V
TPS3813L30
2.58
2.64
2.7
TPS3813K33
2.87
2.93
3
TPS3813I50
4.45
4.55
4.65
Vhys
Hysteresis
TPS3813J25
30
mV
TPS3813L30
35
TPS3813K33
40
TPS3813I50
60
IIH
High-level input current
WDI, WDR
WDI = VDD = 6 V, WDR = VDD = 6 V
–25
25
nA
WDT
WDT = VDD = 6 V, VDD > VIT, RESET =
High
–100
100
IIL
Low-level input current
WDI, WDR
WDI = 0 V, WDR = 0 V, VDD = 6 V
–25
25
WDT
WDT = 0 V, VDD > VIT, RESET = High
–100
100
IOH
High-level output current
VDD = VIT + 0.2 V, VOH = VDD
25
nA
IDD
Supply current
VDD = 2-V output unconnected
9
13
µA
VDD = 5-V output unconnected
20
25
Ci
Input capacitance
VI = 0 V to VDD
5
pF
7.6 Timing Requirements
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C.
MIN
TYP MAX
UNIT
tw
Pulse width at VDD
VDD = VIT– + 0.2 V, VDD = VIT– – 0.2 V
3
µs
(1)
155 pF < C(ext) < 63 nF
(2)
(C(ext) ÷ 15.55 pF + 1) × 6.25 ms
7.7 Switching Characteristics
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VDD ≥ VIT + 0.2 V, See Figure 1
20
25
30
ms
tt(out)
Watchdog time-out
Upper limit
WDT = 0 V
0.2
0.25
0.3
s
WDT = VDD
2
2.5
3
WDT = programmable (1)
See (2)
ms
Watchdog window ratio
WDR = 0 V, WDT = 0 V
1:31.8
WDR = 0 V, WDT = VDD
1:32
WDR = 0 V, WDT = programmable
1:25.8
WDR = VDD, WDT = 0 V
1:124.9
WDR = VDD, WDT = VDD
1:127.7
WDR = VDD, WDT = programmable
1:64.5
tPHL
Propagation (delay) time,
high-to-low-level output
VDD to RESET delay
VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
30
50
µs


Número de pieza similar - TPS3813K33-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results

Descripción similar - TPS3813K33-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com