Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65185RSLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65185RSLT
Descripción Electrónicos  PMIC for E Ink Vizplex Enabled Electronic Paper Display
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65185RSLT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65185RSLT Datasheet HTML 1Page - Texas Instruments TPS65185RSLT Datasheet HTML 2Page - Texas Instruments TPS65185RSLT Datasheet HTML 3Page - Texas Instruments TPS65185RSLT Datasheet HTML 4Page - Texas Instruments TPS65185RSLT Datasheet HTML 5Page - Texas Instruments TPS65185RSLT Datasheet HTML 6Page - Texas Instruments TPS65185RSLT Datasheet HTML 7Page - Texas Instruments TPS65185RSLT Datasheet HTML 8Page - Texas Instruments TPS65185RSLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
TPS65185, TPS651851
SLVSAQ8D – FEBRUARY 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPS65185 TPS651851
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
There will be 0-ns of deglitch for PWRx.
(2)
There will be 62.52-µs of deglitch for VCOM_CTRL.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND1
8
Analog ground for general analog circuitry.
AGND2
48
Reference point to external thermistor and linearization resistor.
DGND
6
Digital ground. Connect to ground plane.
INT
2
O
Open drain interrupt pin (active low).
INT_LDO
7
O
Filter pin for 2.7-V internal supply.
N/C
39, 38, 20, 13,
11
Not internally connected.
PBKG
22
Die substrate. Connect to VN (–16 V) with short, wide trace. Wide copper trace improves
heat dissipation.
PGND1
41
Power ground for DCDC1.
PGND2
32
Power ground for CP1 (VDDH) and CP2 (VEE) charge pumps.
PWR_GOOD
23
O
Open-drain power good output pin. Pin is pulled low when one or more rails are disabled
or not in regulation. DCDC1, DCDC2, and VCOM have no effect on this pin.(1)
PWRUP
21
I
Power-up pin. Pull this pin high to power up all output rails.(1)
SCL
17
I
Serial interface (I2C) clock input.
SDA
18
I/O
Serial interface (I2C) data input/output.
TS
47
I
Thermistor input pin. Connect a 10-kΩ NTC thermistor and a 43-kΩ linearization resistor
between this pin and AGND.
V3P3
46
O
Output pin of 3.3-V power switch.
VB
42
I
Feedback pin for boost converter (DCDC1) and supply for VPOS LDO and VDDH charge
pump.
VB_SW
40
O
Boost converter switch out (DCDC1).
VCOM
15
O
Filter pin for panel common-voltage driver.
VCOM_CTRL
12
I
VCOM enable. Pull this pin high to enable the VCOM amplifier. When pin is pulled low
and VN is enabled, VCOM discharge is enabled.(2)
VCOM_DIS
14
I
Discharge pin for VCOM. Connect to ground to discharge VCOM to ground whenever
VCOM is disabled. Leave floating if discharge function is not desired.
VCOM_PWR
16
I
Internal supply input pin to VCOM buffer. Connect to the output of DCDC2.
VDDH_D
34
O
Base voltage output pin for positive charge pump (CP1).
VDDH_DIS
35
I
Discharge pin for VDDH. Connect to VDDH to discharge VDDH to ground whenever the
rail is disabled. Leave floating if discharge function is not desired.
VDDH_DRV
36
O
Driver output pin for positive charge pump (CP1).
VDDH_FB
33
I
Feedback pin for positive charge pump (CP1).
VDDH_IN
37
I
Input supply pin for positive charge pump (CP1).
VEE_D
30
O
Base voltage output pin for negative charge pump (CP2).
VEE_DIS
29
I
Discharge pin for VEE. Connect a resistor from VEE _DIS to VEE to discharge VEE to
ground whenever the rail is disabled. Leave floating if discharge function is not desired.
VEE_DRV
28
O
Driver output pin for negative charge pump (CP2).
VEE_FB
31
I
Feedback pin for negative charge pump (CP2).
VEE_IN
27
I
Input supply pin for negative charge pump (CP2) (VEE).
VIN
10
I
Input power supply to general circuitry.
VIN3P3
45
I
Input pin to 3.3-V power switch.
VIN_P
24
I
Input power supply to inverting buck-boost converter (DCDC2).
VN
26
I
Feedback pin for inverting buck-boost converter (DCDC2) and supply for VNEG LDO and
VEE charge pump.
VNEG
3
O
Negative supply output pin for panel source drivers.
VNEG_DIS
9
O
Discharge pin for VNEG. Connect to VNEG to discharge VNEG to ground whenever the
rail is disabled. Leave floating if discharge function is not desired.


Número de pieza similar - TPS65185RSLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65185RSLT TI1-TPS65185RSLT Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185RSLT TI1-TPS65185RSLT Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
More results

Descripción similar - TPS65185RSLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com