Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3824-33DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPS3824-33DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 29 page TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828 SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015 www.ti.com 7.5 Electrical Characteristics over operating junction temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TPS382x-25 VDD = VIT− + 0.2 V, IOH = –20 μA TPS382x-30 0.8 × VDD RESET TPS382x-33 VDD = VIT− + 0.2 V, IOH = –30 μA TPS382xA-33 TPS382x-50 VDD = VIT− + 0.2 V IOH = –120 μA VDD − 1.5 V TPS3824-25 VDD ≥ 1.8 V, IOH = –100 μA VOH High-level output voltage TPS3825-25 V TPS3824-30 TPS3825-30 RESET 0.8 × VDD TPS3824-33 VDD ≥ 1.8 V, IOH = –150 μA TPS3825-33 TPS3824-50 TPS3825-50 TPS3824-25 VDD = VIT− + 0.2 V, IOL = 1 mA TPS3825-25 TPS3824-30 TPS3825-30 RESET VDD = VIT− + 0.2 V, IOL = 1.2 mA 0.4 TPS3824-33 TPS3825-33 TPS3824-50 VOL Low-level output voltage V VDD = VIT− + 0.2 V, IOL = 3 mA TPS3825-50 TPS382x-25 VDD = VIT− – 0.2 V, IOL = 1 mA TPS382x-30 RESET VDD = VIT− – 0.2 V, IOL = 1.2 mA 0.4 TPS382x-33 TPS382xA-33 TPS382x-50 VDD = VIT− – 0.2 V, IOL = 3 mA Power-up reset voltage(1) VDD ≥ 1.1 V, IOL = 20 μA 0.4 V TPS382x-25 2.21 2.25 2.30 TPS382x-30 2.59 2.63 2.69 TA = 0°C to 85°C TPS382x-33 2.88 2.93 3 TPS382xA-33 TPS382x-50 4.49 4.55 4.64 Negative-going input VIT− V threshold voltage (2) TPS382x-25 2.20 2.25 2.30 TPS382x-30 2.57 2.63 2.69 TA = –40°C to 85°C TPS382x-33 2.86 2.93 3 TPS382xA-33 TPS382x-50 4.46 4.55 4.64 TPS382x-25 TPS382x-30 30 Vhys Hysteresis at VDD input mV TPS382x-33 TPS382xA-33 TPS382x-50 50 IIH(AV) Average high-level input current WDI = VDD, time average (DC = 88%) 120 WDI µA IIL(AV) Average low-level input current WDI = 0.3 V, VDD = 5.5 V time average (DC = 12%) –15 WDI WDI = VDD 140 190 IIH High-level input current µA MR MR = VDD × 0.7, VDD = 5.5 V –40 –60 WDI WDI = 0.3 V, VDD = 5.5 V 140 190 IIL Low-level input current µA MR MR = 0.3 V, VDD = 5.5 V –110 –160 (1) The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V. (2) To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 μF) should be placed near the supply terminals. 6 Submit Documentation Feedback Copyright © 1998–2015, Texas Instruments Incorporated Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828 |
Número de pieza similar - TPS3824-33DBVTG4 |
|
Descripción similar - TPS3824-33DBVTG4 |