Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX32DTG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC74LCX32DTG
Descripción Electrónicos  Low-Voltage CMOS Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX32DTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX32DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 6Page - ON Semiconductor MC74LCX32DTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74LCX32
http://onsemi.com
2
Figure 1. Pinout: 14−Lead (Top View)
Figure 2. Logic Diagram
13
14
12
11
10
9
8
2
1
34567
VCC
A2
B2
O2
A3
B3
O3
A0
B0
O0
A1
B1
O1
GND
3
O0
1
A0
2
B0
6
O1
4
A1
5
B1
11
O2
13
A2
12
B2
8
O3
10
A3
9
B3
PIN NAMES
Pins
Function
An, Bn
Data Inputs
On
Outputs
TRUTH TABLE
Inputs
Outputs
An
Bn
On
L
L
L
L
H
H
H
L
H
H
H
H
H = High Voltage Level
L = Low Voltage Level
For ICC reasons, DO NOT FLOAT Inputs
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5  VI  +7.0
V
VO
DC Output Voltage
−0.5  VO  VCC + 0.5
Output in HIGH or LOW State.(Note 1)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
50
mA
ICC
DC Supply Current Per Supply Pin
100
mA
IGND
DC Ground Current Per Ground Pin
100
mA
TSTG
Storage Temperature Range
−65 to +150
C
MSL
Moisture Sensitivity
Level 1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.


Número de pieza similar - MC74LCX32DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX32DTG ONSEMI-MC74LCX32DTG Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results

Descripción similar - MC74LCX32DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVC32A STMICROELECTRONICS-74LVC32A Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
July 2004 Rev. 4
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com