Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX139 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74LCX139
Descripción Electrónicos  Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX139 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX139_12 Datasheet HTML 1Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 2Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 3Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 4Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 5Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 6Page - ON Semiconductor MC74LCX139_12 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 7
1
Publication Order Number:
MC74LCX139/D
MC74LCX139
Dual Low-Voltage CMOS
2-to-4 Decoder/Demultiplexer
With 5 V−Tolerant Inputs
The MC74LCX139 is a high performance, 2−to−4 decoder/
demultiplexer operating from a 2.3 to 3.6 V supply. High impedance
TTL compatible inputs significantly reduce current loading to input
drivers while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5 V allows MC74LCX139 inputs
to be safely driven from 5 V devices. The MC74LCX139 is suitable
for memory address decoding and other TTL level bus oriented
applications.
The MC74LCX139 high−speed 2−to−4 decoder/demultiplexer
accepts two binary weighted inputs (A0, A1) and, when enabled,
provides four mutually exclusive active−LOW outputs. The LCX139
features an active low Enable input. All outputs will be HIGH unless
En is LOW. The LCX139 can be used as an 8−output demultiplexer by
using one of the active−LOW Enable inputs as the data input and the
other Enable input as a strobe. The Enable inputs which are not used
must be permanently tied to ground.
Current drive capability is 24 mA at the outputs.
Features
Designed for 2.3 to 3.6 V VCC Operation
5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
16
1
16
1
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
LCX139G
AWLYWW
LCX
139
ALYWG
G
16
16
1
1
(Note: Microdot may be in either location)


Número de pieza similar - MC74LCX139_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX139D ONSEMI-MC74LCX139D Datasheet
93Kb / 8P
   Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
August, 2005 ??Rev. 4
MC74LCX139DR2 ONSEMI-MC74LCX139DR2 Datasheet
93Kb / 8P
   Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
August, 2005 ??Rev. 4
MC74LCX139DR2G ONSEMI-MC74LCX139DR2G Datasheet
93Kb / 8P
   Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
August, 2005 ??Rev. 4
MC74LCX139DT ONSEMI-MC74LCX139DT Datasheet
93Kb / 8P
   Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
August, 2005 ??Rev. 4
MC74LCX139DTR2 ONSEMI-MC74LCX139DTR2 Datasheet
93Kb / 8P
   Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
August, 2005 ??Rev. 4
More results

Descripción similar - MC74LCX139_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139_06 Datasheet
315Kb / 17P
   Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
74LCX139 STMICROELECTRONICS-74LCX139 Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
logo
STMicroelectronics
74LVX139 STMICROELECTRONICS-74LVX139 Datasheet
289Kb / 12P
   LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com