Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC74LCX158DTG Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC74LCX158DTG Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC74LCX158 http://onsemi.com 4 MAXIMUM RATINGS Symbol Parameter Value Condition Units VCC DC Supply Voltage −0.5 to +7.0 V VI DC Input Voltage −0.5 VI +7.0 V VO DC Output Voltage −0.5 VO VCC + 0.5 Output in HIGH or LOW State (Note 1) V IIK DC Input Diode Current −50 VI < GND mA IOK DC Output Diode Current −50 VO < GND mA +50 VO > VCC mA IO DC Output Source/Sink Current 50 mA ICC DC Supply Current Per Supply Pin 100 mA IGND DC Ground Current Per Ground Pin 100 mA TSTG Storage Temperature Range −65 to +150 C MSL Moisture Sensitivity Level 1 Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. IO absolute maximum rating must be observed. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Typ Max Units VCC Supply Voltage Operating Data Retention Only 2.0 1.5 2.3 to 3.3 3.6 3.6 V VI Input Voltage 0 5.5 V VO Output Voltage (HIGH or LOW State) (3−State) 0 VCC V IOH HIGH Level Output Current VCC = 3.0 V − 3.6 V VCC = 2.7 V − 3.0 V VCC = 2.3 V − 2.7 V −24 −12 −8 mA IOL LOW Level Output Voltage VCC = 3.0 V − 3.6 V VCC = 2.7 V − 3.0 V VCC = 2.3 V − 2.7 V +24 +12 +8 mA TA Operating Free−Air Temperature −40 +85 C Dt/DV Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V 0 10 ns/V |
Número de pieza similar - MC74LCX158DTG |
|
Descripción similar - MC74LCX158DTG |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |