Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUCM320I Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADUCM320I
Descripción Electrónicos  Fully differential and single-ended modes
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUCM320I Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM320I Datasheet HTML 6Page - Analog Devices ADUCM320I Datasheet HTML 7Page - Analog Devices ADUCM320I Datasheet HTML 8Page - Analog Devices ADUCM320I Datasheet HTML 9Page - Analog Devices ADUCM320I Datasheet HTML 10Page - Analog Devices ADUCM320I Datasheet HTML 11Page - Analog Devices ADUCM320I Datasheet HTML 12Page - Analog Devices ADUCM320I Datasheet HTML 13Page - Analog Devices ADUCM320I Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Data Sheet
ADuCM320i
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
XTALI Input Voltage
Low
VINL
1.1
V
High
VINH
1.7
V
Pull-Up Current
30
120
µA
VIN = 0 V, see Figure 10
Pull-Down Current
30
100
µA
VIN = 3.3 V, see Figure 10
LOGIC OUTPUTS
All digital outputs excluding
XTALO
GPIO Output Voltage7
High
VOH
IOVDDx − 0.4
V
ISOURCE = 2 mA
Low
VOL
0.4
V
ISINK = 2 mA
GPIO Short-Circuit Current1
11
mA
See Figure 13
MDIO
Output Voltage
High
VOH
1.0
V
ISOURCE = 4 mA
Low
VOL
0.2
V
ISINK = 4 mA
Delay Time
100
ns
MCK to MDIO out
OSCILLATORS
Internal System Oscillator
16
MHz
Accuracy
±0.5
±3
%
System PLL
80
MHz
Main system clock
External Crystal Oscillator
16
MHz
Can be selected in place of
internal oscillator
32 kHz Internal Oscillator
32.768
kHz
Use for watchdog
Accuracy
±5
±20
%
External Clock
0.05
80
MHz
Can be selected in place of PLL
START-UP TIME
Processor clock = 80 MHz
At Power-On
40
ms
POR to first user code execution
After Other Reset
1.5
ms
Reset to first user code
execution
From All Power-Down Modes
1.25
µs
PROGRAMMABLE LOGIC ARRAY
PLA
Propagation Delay
Pin
17
ns
From input pin to output pin
Element
1.5
ns
Per PLA cell
EXTERNAL INTERRUPTS
Pulse Width1
Level Triggered
7
ns
Edge Triggered
1
ns
POWER REQUIREMENTS8
Power Supply Voltage Range
AVDDx to AGNDx and IOVDDx
to DGNDx1
2.9
3.3
3.6
V
Analog Power Supply Currents
AVDDx Current
6.3
mA
Analog peripherals in idle mode
Digital Power Supply Current
IOVDDx Current in Normal Mode
4
mA
All GPIO pull-up resistors
enabled
Rev. 0 | Page 9 of 26


Número de pieza similar - ADUCM320I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
More results

Descripción similar - ADUCM320I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
EL4544 INTERSIL-EL4544_07 Datasheet
783Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com