Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

02560409-000 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza 02560409-000
Descripción Electrónicos  Small size and low mass core
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

02560409-000 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  02560409-000 Datasheet HTML 1Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 2Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 3Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 4Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MHR SERIES
Miniature General Purpose AC LVDT
SENSOR SOLUTIONS /// MHR Series Rev. 8
5/2016
Page 4
WIRING INFORMATION
Connect Blue to Green for differential output
ORDERING INFORMATION
Description
Model
Part Number
Description
Model
Part Number
±0.005 inch LVDT
MHR 005
02560405-000
±0.25 inch LVDT
MHR 250
02560410-000
±0.010 inch LVDT
MHR 010
02560406-000
±0.5 inch LVDT
MHR 500
02560411-000
±0.025 inch LVDT
MHR 025
02560407-000
±1 inch LVDT
MHR 1000
02560412-000
±0.05 inch LVDT
MHR 050
02560408-000
±2 inch LVDT
MHR 2000
02561033-000
±0.10 inch LVDT
MHR 100
02560409-000
OPTIONS
5.0 kHz calibration
XXXXXXXX
-002
10 kHz calibration
XXXXXXXX
-003
Metric threaded core
XXXXXXXX
-006
10 foot long lead-wires
Consult factory
XXXXXXXX
-040
Note: Add multiple option dash numbers together to determine proper ordering suffix
Example: MHR 1000, ±1 inch, with 5 kHz calibration and metric threaded core, P/N 02560412-008
ACCESSORIES
Core connecting rod, 6 inches long, 1-72 threads
05282945-006
Core connecting rod, 12 inches long, 1-72 threads
05282945-012
Core connecting rod, 24 inches long, 1-72 threads
05282945-024
Core connecting rod, 36 inches long, 1-72 threads
05282945-036
Core connecting rod, 6 inches long, M2x0.4 metric threads
05282976-006
Core connecting rod, 12 inches long, M2x0.4 metric threads
05282976-012
Mounting block
04560954-000


Número de pieza similar - 02560409-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0256001.M LITTELFUSE-0256001.M Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256001.M- LITTELFUSE-0256001.M- Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256001.M-ND LITTELFUSE-0256001.M-ND Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256002.M LITTELFUSE-0256002.M Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256002.M- LITTELFUSE-0256002.M- Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
More results

Descripción similar - 02560409-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
   Small size and low cost
logo
Murata Manufacturing Co...
DLW21SN181XQ2 MURATA1-DLW21SN181XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21SZ261XQ2 MURATA1-DLW21SZ261XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN181SQ2 MURATA1-DLW21HN181SQ2_V01 Datasheet
342Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN211XK2 MURATA1-DLW21SN211XK2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN670HQ2 MURATA1-DLW21HN670HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/20
DLW21HN900HQ2 MURATA1-DLW21HN900HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN261XQ2 MURATA1-DLW21SN261XQ2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN121SQ2 MURATA1-DLW21HN121SQ2_V01 Datasheet
341Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com