Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5--435166--2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

No. de pieza 5--435166--2
Descripción Electrónicos  Dual In- Line Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--435166--2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  5--435166--2 Datasheet HTML 1Page - TE Connectivity Ltd 5--435166--2 Datasheet HTML 2Page - TE Connectivity Ltd 5--435166--2 Datasheet HTML 3Page - TE Connectivity Ltd 5--435166--2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
Dual In- Line Package (DIP)
Programming Switches
408--7779
LOC B
1
of 4
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE logo is a trademark.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
14 MAR 11 Rev B
(7000 and 7100 Series)
1. INTRODUCTION
This Instruction Sheet covers the installation of the
7000 and 7100 Series DIP Programming Switches
shown in Figures 1 and 2. Read this document before
performing any application using these products.
All dimensions are in metric units [with inches in
brackets]. Figures and illustrations are for
reference only, and are not drawn to scale.
Reason for revision may be found in Section 5,
REVISION SUMMARY.
Position Number
Tape
Low--Profile
Switch with
Tape
Application for Removal Switch
Strippable
Transparent
Seal
Application for Soldered Switch
Side--Actuated Switch
(Side Rocker)
PC Board
Standard Profile Switch
(Raised Rocker)
Rocker
DIP Socket
Low--Profile Switch
(Flush Rocker)
SINGLE POLE SINGLE THROW (SPST)
SERIES AND
COLOR
NUMBER OF
POSITIONS
RAISED ROCKER
(STANDARD--PROFILE)
SIDE ROCKER
(SIDE--ACTUATED)
FLUSH ROCKER
(LOW--PROFILE)
COLOR
POSITIONS
Unsealed
Econ. Seal
Unsealed
Econ. Seal
Unsealed
Econ. Seal
2
2--435166--9
------
1--435802--0
------
------
3--435626--6
3
3--435166--0
------
435802--2
------
------
3--435626--7
4
435166--2
4--435166--9
435802--3
1--435802--5
435626--1
3--435626--8
5
435166--3
5--435166--0
435802--4
1--435802--6
435626--2
3--435626--9
7000 Black
(R f t
6
435166--4
5--435166--1
435802--5
1--435802--7
------
4--435626--0
(Refer to
Product Spec
7
435166--1
5--435166--2
435802--6
1--435802--8
------
4--435626--1
Product Spec
108--7519)
8
435166--5
5--435166--3
435802--1
435802--9
435626--5
4--435626--2
108 7519)
9
435166--6
5--435166--4
435802--7
1--435802--9
------
4--435626--3
10
435166--7
5--435166--5
435802--8
2--435802--0
------
4--435626--4
11
------
------
------
2--435802--1
------
------
12
3--435166--2
5--435166--7
1--435802--2
2--435802--2
------
4--435626--6
2
2--435640--9
------
------
------
435668--1
2--435668--6
3
3--435640--0
------
------
------
435668--2
3--435668--3
4
435640--2
3--435640--5
------
------
435668--3
3--435668--4
5
435640--3
3--435640--6
------
------
435668--4
3--435668--5
7100 Blue
(Refer to
6
435640--4
3--435640--7
------
------
435668--5
2--435668--5
(Refer to
Product Spec
7
435640--1
3--435640--8
------
------
435668--6
2--435668--7
Product Spec
108--7532)
8
435640--5
3--435640--9
------
------
435668--7
2--435668--8
)
9
435640--6
4--435640--0
------
------
------
2--435668--9
10
435640--7
4--435640--1
------
------
435668--9
3--435668--0
11
------
------
------
------
------
3--435668--1
12
3--435640--2
4--435640--3
------
------
1--435668--1
3--435668--2
NOTE:
Contact TE Connectivity for RoHS compliant part numbers which may be associated with this document.
Figure 1
NOTE


Número de pieza similar - 5--435166--2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
5--21003--1 TEC-5--21003--1 Datasheet
85Kb / 2P
   Adapter Kits for GREENERD Manual
logo
Tyco Electronics
5--21012--4 MACOM-5--21012--4 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
logo
TE Connectivity Ltd
5--21028--7 TEC-5--21028--7 Datasheet
174Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
5--22280--4 MACOM-5--22280--4 Datasheet
112Kb / 5P
   Double Action Hand Tool
logo
TE Connectivity Ltd
5--22488--6 TEC-5--22488--6 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Descripción similar - 5--435166--2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
KTLP3506H COSMO-KTLP3506H Datasheet
113Kb / 6P
   Compact dual-in-line package
KTLP3507S COSMO-KTLP3507S Datasheet
139Kb / 6P
   Compact dual-in-line package
KTLP3507H COSMO-KTLP3507H Datasheet
114Kb / 6P
   Compact dual-in-line package
logo
Fujikura Ltd.
FPM-07PGR FUJIKURA-FPM-07PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
logo
COSMO Electronics Corp...
KTLP3617H COSMO-KTLP3617H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3503H COSMO-KTLP3503H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3616H COSMO-KTLP3616H Datasheet
113Kb / 6P
   Compact dual-in-line package
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com