Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6VM2S Datasheet(PDF) 9 Page - TE Connectivity Ltd

No. de pieza 6VM2S
Descripción Electrónicos  Slim Power Entry Module Family with Multiple Options
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM2S Datasheet(HTML) 9 Page - TE Connectivity Ltd

  6VM2S Datasheet HTML 1Page - TE Connectivity Ltd 6VM2S Datasheet HTML 2Page - TE Connectivity Ltd 6VM2S Datasheet HTML 3Page - TE Connectivity Ltd 6VM2S Datasheet HTML 4Page - TE Connectivity Ltd 6VM2S Datasheet HTML 5Page - TE Connectivity Ltd 6VM2S Datasheet HTML 6Page - TE Connectivity Ltd 6VM2S Datasheet HTML 7Page - TE Connectivity Ltd 6VM2S Datasheet HTML 8Page - TE Connectivity Ltd 6VM2S Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options (continued)
3
191
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
5EHM
5EFM
3EZM
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
.15
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
.15
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
  

   

 
































Differential Mode / Symmetrical (Line to Line)
Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
  

        
 
      
          
3EXM
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0


Número de pieza similar - 6VM2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
6VM2S MACOM-6VM2S Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
6VM2S MACOM-6VM2S Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
More results

Descripción similar - 6VM2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com