Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD-VCXO4-0507-3-25-W-S Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

No. de pieza SMD-VCXO4-0507-3-25-W-S
Descripción Electrónicos  High reliability for low cost
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD-VCXO4-0507-3-25-W-S Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SMD-VCXO4-0507-3-25-W-S Datasheet HTML 1Page - PETERMANN-TECHNIK SMD-VCXO4-0507-3-25-W-S Datasheet HTML 2Page - PETERMANN-TECHNIK SMD-VCXO4-0507-3-25-W-S Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL DATA
SMD-OSCILLATOR SERIES
SMD-VCXO4-0507-3
PACKAGE
Ceramic package 7.0 x 5.0 x 1.8 mm3
FREQUENCY RANGE
1.0 ~ 40.0 MHz
FREQUENCY STABILITY
±20 ppm / ±25ppm / ±50 ppm
OPERATING TEMPERATURE RANGE
-20/+70°C ~ -40/+85°C
STORAGE TEMPERATURE RANGE
-55/+125°C
INPUT
VOLTAGE
+3.3VDC ±5%
CURRENT
25 mA max.
OUPUT
SYMMETRY
STANDARD
40/60%
OPTION
45/55%
SIGNAL
CMOS/HCMOS
RISE AND FALL TIME
8 ns max.
"0" LEVEL
CMOS/HCMOS
0.4VDD max. or 10% VDD max.
"1" LEVEL
2.4VDD min. or 90% VDD min.
LOAD
15 pF ~ 30 pF
START-UP TIME
10 mS max.
INPUT IMPEDANCE
10 kW min.
MODULATION BANDWITH (BW)
5 kHz min.
CONTROL VOLTAGE RANGE
1.65VDC ±1.35VDC
CENTER VOLTAGE
1.65VDC
PULLING RANGE
+-50 ppm ~ ±100 ppm min.
LINEARITY
10% max.
SLOPE
POSITIVE
PHASE NOISE
-70dBc/Hz @10Hz
-130dBc/Hz @10kHz
PIN CONNECTION
PIN 1
CONTROL VOLTAGE
PIN 2
GROUND
PIN 3
OUTPUT
PIN 4
SUPPLY VOLTAGE
DELIVERY FORM
Tape and Reel / 1.000 pcs. per reel, lower QTY possible
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.00 • August 2013
FEATURES
SMD VCXO 7.0x5.0mm 4pad 3.3 VDC MHz
Pb-free
RoHS-2 2011/65/EU
compliant
High reliability for low cost
Frequency stability to ±20ppm
Available in 5.0 and 3.3 Volt
Extended temperature range -40°C to +85°C
Applications: fibre channel, telecom, set-top box, broadband, etc.
ISO 9001:2008


Número de pieza similar - SMD-VCXO4-0507-3-25-W-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
SMD-VCXO4-0507-25-W-S PETERMANN-SMD-VCXO4-0507-25-W-S Datasheet
298Kb / 3P
   High reliability for low cost
More results

Descripción similar - SMD-VCXO4-0507-3-25-W-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com