Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ9.0A Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

No. de pieza SMCJ9.0A
Descripción Electrónicos  Excellent clamping capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Página de inicio  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ9.0A Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ9.0A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ9.0A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ9.0A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ9.0A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ9.0A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ9.0A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMCJ5.0 --- SMCJ440CA
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ22
SMCJ22C
GEW
BEW
22
24.4
30.9
1.0
39.4
38.1
5.0
SMCJ22A
SMCJ22CA
GEX
BEX
22
24.4
28.0
1.0
35.5
42.3
5.0
SMCJ24
SMCJ24C
GEY
BEY
24
26.7
33.8
1.0
43.0
34.9
5.0
SMCJ24A
SMCJ24CA
GEZ
BEZ
24
26.7
30.7
1.0
38.9
38.6
5.0
SMCJ26
SMCJ26C
GFD
BFD
26
28.9
36.6
1.0
46.6
32.2
5.0
SMCJ26A
SMCJ26CA
GFE
BFE
26
28.9
33.2
1.0
42.1
35.6
5.0
SMCJ28
SMCJ28C
GFF
BFF
28
31.1
39.4
1.0
50.0
30.0
5.0
SMCJ28A
SMCJ28CA
GFG
BFG
28
31.1
35.8
1.0
45.4
33.0
5.0
SMCJ30
SMCJ30C
GFH
BFH
30
33.3
42.2
1.0
53.5
28.0
5.0
SMCJ30A
SMCJ30CA
GFK
BFK
30
33.3
38.3
1.0
48.4
31.0
5.0
SMCJ33
SMCJ33C
GFL
BFL
33
36.7
46.5
1.0
59.0
25.4
5.0
SMCJ33A
SMCJ33CA
GFM
BFM
33
36.7
42.2
1.0
53.3
28.1
5.0
SMCJ36
SMCJ36C
GFN
BFN
36
40.0
50.7
1.0
64.3
23.3
5.0
SMCJ36A
SMCJ36CA
GFP
BFP
36
40.0
46.0
1.0
58.1
25.8
5.0
SMCJ40
SMCJ40C
GFQ
BFQ
40
44.4
56.3
1.0
71.4
21.0
5.0
SMCJ40A
SMCJ40CA
GFR
BFR
40
44.4
51.1
1.0
64.5
23.3
5.0
SMCJ43
SMCJ43C
GFS
BFS
43
47.8
60.5
1.0
76.7
19.6
5.0
SMCJ43A
SMCJ43CA
GFT
BFT
43
47.8
54.9
1.0
69.4
21.6
5.0
SMCJ45
SMCJ45C
GFU
BFU
45
50.0
63.3
1.0
80.3
18.7
5.0
SMCJ45A
SMCJ45CA
GFV
BFV
45
50.0
57.5
1.0
72.7
20.6
5.0
SMCJ48
SMCJ48C
GJS
BJS
48
53.3
67.5
1.0
85.5
17.5
5.0
SMCJ48A
SMCJ48CA
GJT
BJT
48
53.3
61.3
1.0
77.4
19.4
5.0
SMCJ51
SMCJ51C
GJU
BJU
51
56.7
71.8
1.0
91.1
16.5
5.0
SMCJ51A
SMCJ51CA
GJV
BJV
51
56.7
65.2
1.0
82.4
18.2
5.0
SMCJ54
SMCJ54C
GFW
BFW
54
60.0
76.0
1.0
96.3
15.6
5.0
SMCJ54A
SMCJ54CA
GFX
BFX
54
60.0
69.0
1.0
87.1
17.2
5.0
SMCJ58
SMCJ58C
GFY
BFY
58
64.4
81.6
1.0
103
14.6
5.0
SMCJ58A
SMCJ58CA
GFZ
BFZ
58
64.4
74.1
1.0
93.6
16.0
5.0
SMCJ60
SMCJ60C
GGD
BGD
60
66.7
84.5
1.0
107
14.0
5.0
SMCJ60A
SMCJ60CA
GGE
BGE
60
66.7
76.7
1.0
96.8
15.5
5.0
SMCJ64
SMCJ64C
GGF
BGF
64
71.1
90.1
1.0
114
13.2
5.0
SMCJ64A
SMCJ64CA
GGG
BGG
64
71.1
81.8
1.0
103
14.6
5.0
SMCJ70
SMCJ70C
GGH
BGH
70
77.8
98.6
1.0
125
12.0
5.0
SMCJ70A
SMCJ70CA
GGK
BGK
70
77.8
89.5
1.0
113
13.3
5.0
SMCJ75
SMCJ75C
GGL
BGL
75
83.0
105.7
1.0
134
11.2
5.0
SMCJ75A
SMCJ75CA
GGM
BGM
75
83.0
95.8
1.0
121
12.4
5.0
SMCJ78
SMCJ78C
GGN
BGN
78
86.0
109.8
1.0
139
10.8
5.0
SMCJ78A
SMCJ78CA
GGP
BGP
78
86.0
99.7
1.0
126
11.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Número de pieza similar - SMCJ9.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SMCJ9.0A DCCOM-SMCJ9.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ9.0A MCC-SMCJ9.0A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ9.0A VISHAY-SMCJ9.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ9.0A HY-SMCJ9.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ9.0A FCI-SMCJ9.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SMCJ9.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com