Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA5Q0765RT Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KA5Q0765RT
Descripción Electrónicos  S P S
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0765RT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA5Q0765RT Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA5Q0765RT
S P S
ABSOLUTE MAXIMUM RATINGS
NOTES:
1.
Tj=25
°C to 150°C
2.
Repetitive rating: Pulse width limited by maximum junction temperature
3.
L=24mH, starting Tj=25
°C
4.
L=13uH, starting Tj=25
°C
Characteristic
Symbol
Value
Unit
Drain-source (GND) voltage (1)
VDSS
650
V
Drain-Gate voltage (RGS=1MΩ)VDGR
650
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
28.0
ADC
Single pulsed avalanche energy (3)
EAS
570
mJ
Avalanche current (4)
IAS
20
A
Continuous drain current (TC=25°C)
ID
7.0
ADC
Continuous drain current (TC=100°C)
ID
5.6
ADC
Supply voltage
VCC
30
V
Analog input voltage range
VFB
−0.3 to V
SD
V
Total power dissipation
PD (wt H/S)
135
W
Derating
1.1
W/
°C
Operating temperature
TOPR
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


Número de pieza similar - KA5Q0765RT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
logo
List of Unclassifed Man...
KA5Q0765RTHYDTU ETC2-KA5Q0765RTHYDTU Datasheet
421Kb / 12P
   Quasi Resonant Converter Controller, Internal Burst Mode Controller for Stand-by Mode
logo
Fairchild Semiconductor
KA5Q0765RTTU FAIRCHILD-KA5Q0765RTTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
KA5Q0765RTYDTU FAIRCHILD-KA5Q0765RTYDTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
More results

Descripción similar - KA5Q0765RT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
   S P S
logo
Total Power Internation...
TPG65 TOTAL-POWER-TPG65 Datasheet
114Kb / 4P
   OPEN FRAME P/S
logo
E-Tech Electronics LTD
GN809 ETL-GN809 Datasheet
378Kb / 4P
    P r o c e s s o r S u p e r v i s o r y
logo
CW Industries
GRSN-2011-2002 CWIND-GRSN-2011-2002 Datasheet
134Kb / 1P
   SWITCH ASSEMBLY PUSH OM/OFF S,P-S,T
logo
Shenzhen Huazhimei Semi...
HM2309B HMSEMI-HM2309B Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
HM2309DR HMSEMI-HM2309DR Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
logo
Shenzhen Huazhimei Semi...
HM2809DR HMSEMI-HM2809DR Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
HM2809D HMSEMI-HM2809D Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
   P-Channel 30V (D-S) 4.5A P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com