Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA-3528SRT Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza KA-3528SRT
Descripción Electrónicos  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528SRT Datasheet(HTML) 2 Page - Kingbright Corporation

  KA-3528SRT Datasheet HTML 1Page - Kingbright Corporation KA-3528SRT Datasheet HTML 2Page - Kingbright Corporation KA-3528SRT Datasheet HTML 3Page - Kingbright Corporation KA-3528SRT Datasheet HTML 4Page - Kingbright Corporation KA-3528SRT Datasheet HTML 5Page - Kingbright Corporation KA-3528SRT Datasheet HTML 6Page - Kingbright Corporation KA-3528SRT Datasheet HTML 7Page - Kingbright Corporation KA-3528SRT Datasheet HTML 8Page - Kingbright Corporation KA-3528SRT Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1-KA3528-2
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
625
590
660
565
595
nm
IF=20mA
Spectral Line
Halfwidth
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
45
35
20
30
20
nm
IF=20mA
Capacitance
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
12
10
95
45
33
pF
VF=0V;f=1MHz
Forward Voltage
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
2.0
2.1
1.85
2.2
2.0
2.5
2.5
2.5
2.5
2.4
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Max.
2θ1/2
KA-3528IT
HIGH EFFICIENCY RED (GaAsP/GaP)
RED TRANSPARENT
12.5
40
120°
KA-3528EC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
KA-3528YT
YELLOW (GaAsP/GaP)
YELLOW TRANS.
8
20
120°
KA-3528YC
YELLOW (GaAsP/GaP)
WATER CLEAR
8
20
120°
KA-3528SRT
SUPER BRIGHT RED (GaAlAs)
RED TRANSPARENT
70
300
120°
KA-3528SRC
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
70
300
120°
KA-3528SGT
SUPER BRIGHT GREEN (GaP)
GREEN TRANSPARENT
12.5
40
120°
KA-3528SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
12.5
40
120°
KA-3528SYT
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW TRANSPARENT
12.5
40
120°
KA-3528SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
12.5
40
120°
KAA-3528ESGC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
SUPER BRIGHT GREEN (GaP)
12.5
40
KAA-3528EMBSGC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
SUPER BRIGHT GREEN (GaP)
12.5
40
BLUE (GaN)
2
8
Selection Guide
λpeak
Electrical / Optical Characteristics at T A=25°C
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
∆λ1/2
C
vF
IR


Número de pieza similar - KA-3528SRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528SECKT TO-GRACE-KA-3528SECKT Datasheet
921Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528SURC KINGBRIGHT-KA-3528SURC Datasheet
125Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528SURCKT TO-GRACE-KA-3528SURCKT Datasheet
918Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
KA-3528SYCKT TO-GRACE-KA-3528SYCKT Datasheet
927Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Descripción similar - KA-3528SRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AAD3528PBC KINGBRIGHT-AAD3528PBC Datasheet
87Kb / 4P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528EMBSGC KINGBRIGHT-AAA3528EMBSGC Datasheet
138Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKCGKC KINGBRIGHT-AAA3528SURKCGKC Datasheet
153Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKSGC KINGBRIGHT-AAA3528SURKSGC Datasheet
87Kb / 1P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AA3528 KINGBRIGHT-AA3528 Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
LUMEX INC.
SML-LX2832LYC-TR LUMEX-SML-LX2832LYC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832DRC-TR LUMEX-SML-LX2832DRC-TR Datasheet
65Kb / 1P
   2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
SML-LX2832SRC-TR LUMEX-SML-LX2832SRC-TR Datasheet
67Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832PGC-TR LUMEX-SML-LX2832PGC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832SRC+B-TR LUMEX-SML-LX2832SRC+B-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com