Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD5707 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KSD5707
Descripción Electrónicos  High Voltage Color Display Horizontal Deflection Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD5707 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD5707 Datasheet HTML 1Page - Fairchild Semiconductor KSD5707 Datasheet HTML 2Page - Fairchild Semiconductor KSD5707 Datasheet HTML 3Page - Fairchild Semiconductor KSD5707 Datasheet HTML 4Page - Fairchild Semiconductor KSD5707 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
NPN Triple Diffused Planar Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
6
A
ICP
Collector Current (Pulse)
16
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= 800V, IE= 0
10
µA
IEBO
Emitter Cut-off Current
VEB= 5V, IC= 0
1
mA
hFE1
hFE2
DC Current Gain
VCE= 5V, IC= 1A
VCE= 5V, IC= 3A
10
5
30
15
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A, IB= 0.8A
2
5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A, IB= 0.8A
1.5
V
fT
Current Gain Bandwidth Product
VCE= 10V, IC= 1A
3
MHz
tF
Fall Time
VCC=200V, IC=4A,
IB1= 0.8A, IB2= -1.6A
RL=50Ω
0.4
µs
Symbol
Characteristics
Rating
Unit
Rθjc
Thermal Resistance
Junction to Case
2.08
°C/W
KSD5707
High Voltage Color Display Horizontal
Deflection Output
• High Collector - Base Voltage : VCBO = 1500V
• High Speed Switching tF = 0.4µs (Max.)
TO-3PF
1.Base
2.Collector
3.Emitter
1


Número de pieza similar - KSD5707

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSD5701 FAIRCHILD-KSD5701 Datasheet
67Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
Inchange Semiconductor ...
KSD5703 ISC-KSD5703 Datasheet
133Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
KSD5703 NJSEMI-KSD5703 Datasheet
123Kb / 2P
   Silicon NPN Power Transistor
More results

Descripción similar - KSD5707

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FJAF6815TU FAIRCHILD-FJAF6815TU Datasheet
145Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5386 FAIRCHILD-KSC5386 Datasheet
764Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJL6920TU FAIRCHILD-FJL6920TU Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
FJAF6820 FAIRCHILD-FJAF6820 Datasheet
113Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6920 FAIRCHILD-FJAF6920 Datasheet
91Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810TU FAIRCHILD-FJAF6810TU Datasheet
102Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6910TU FAIRCHILD-FJAF6910TU Datasheet
114Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810A FAIRCHILD-FJAF6810A Datasheet
159Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5803D FAIRCHILD-KSC5803D Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com