Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4842MT Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4842MT
Descripción Electrónicos  Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4842MT Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4842MT Datasheet HTML 4Page - National Semiconductor (TI) LM4842MT Datasheet HTML 5Page - National Semiconductor (TI) LM4842MT Datasheet HTML 6Page - National Semiconductor (TI) LM4842MT Datasheet HTML 7Page - National Semiconductor (TI) LM4842MT Datasheet HTML 8Page - National Semiconductor (TI) LM4842MT Datasheet HTML 9Page - National Semiconductor (TI) LM4842MT Datasheet HTML 10Page - National Semiconductor (TI) LM4842MT Datasheet HTML 11Page - National Semiconductor (TI) LM4842MT Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Truth Table for Logic Inputs (Note 16)
Mute
Mode
Mux
Control
HP Sense
Bass
Boost
Inputs Selected
Bridged Output
Single-Ended
Output
0
0
0
0
on
A0 & B0
Vol. Adjustable
-
0
0
0
1
off
A0 & B0
Muted
Vol. Adjustable
0
0
1
0
on
A1 & B1
Vol. Adjustable
-
0
0
1
1
off
A1 & B1
Muted
Vol. Adjustable
0
1
X
0
on
A0 & B0
Vol. Adjustable
-
0
1
X
1
off
A1 & B1
Muted
Vol. Adjustable
1
X
X
X
muted
X
Muted
Muted
Note 16: If system beep is detected on the Beep In and the beep signal is fed to the inputs, the system beep will be passed through the bridged amplifier regardless
of the logic of the Mute, HP sense, or DC Volume Control pins.
Typical Performance Characteristics
MH/LQ Specific Characteristics
LM4842MH/LQ
THD+N vs Output Power
LM4842MH/LQ
THD+N vs Frequency
20028170
20028171
LM4842MH/LQ
THD+N vs Output Power
LM4842MH/LQ
THD+N vs Frequency
20028172
20028173
www.national.com
8


Número de pieza similar - LM4842MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840LQ NSC-LM4840LQ Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MH NSC-LM4840MH Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MT NSC-LM4840MT Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
   Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
More results

Descripción similar - LM4842MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
   Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com