Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1037AKX Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

No. de pieza 2SA1037AKX
Descripción Electrónicos  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2SA1037AKX Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  2SA1037AKX Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2SA1037AKX Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 2SA1037AKX Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 2SA1037AKX Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120703
2SA1037AKx Series
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
–50
V
Collector–Base Voltage
V CBO
–60
V
Emitter–Base Voltage
V EBO
–6.0
V
Collector Current — Continuous
I C
–150
mAdc
Collector power dissipation
P C
0.2
W
Junction temperature
T j
150
°C
Storage temperature
T stg
-55 ~+150
°C
DEVICE MARKING
2SA1037AKQ=FQ 2SA1037AKS=G3F 2SA1037AKR=FR
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 50
V
(IC = –1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 6
V
(IE = – 50
µA)
Collector–Base Breakdown Voltage
V (BR)CBO
– 60
V
(IC = – 50
µA)
Collector Cutoff Current
I CBO
– 0.1
µA
(VCB = – 60 V)
Emitter cutoff current
I EBO
– 0.1
µA
(VEB = – 6 V)
Collector-emitter saturation voltage
V CE(sat)
-0.5
V
(IC/ IB = – 50 mA / – 5m A)
DC current transfer ratio
h FE
120
––
560
––
(V CE = – 6 V, I C= –1mA)
Transition frequency
f T
140
––
MHz
(V CE = – 12 V, I E= 2mA, f=30MHz )
Output capacitance
C ob
4.0
5.0
pF
(V CB = – 12 V, I E= 0A, f =1MHz )
h FE values are classified as follows:
QR
S
hFE
120~270
180~390
270~560
2
EMITTER
3
COLLECTOR
1
BASE
*
Featrues
ORDERING INFORMATION
Device
Package
Shipping
2SA1037AKX
3000/Tape & Reel
SOT23
We declare that the material of product compliance with RoHS requirements.
SOT– 23
H


Número de pieza similar - 2SA1037AKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WILLAS ELECTRONIC CORP
2SA1037AKXLT1 WILLAS-2SA1037AKXLT1 Datasheet
332Kb / 4P
   General Purpose Transistors
More results

Descripción similar - 2SA1037AKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com