Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSP10480 Datasheet(PDF) 2 Page - Littelfuse

No. de pieza LSP10480
Descripción Electrónicos  LED Lighting Surge Protection Module > LSP10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP10480 Datasheet(HTML) 2 Page - Littelfuse

  LSP10480 Datasheet HTML 1Page - Littelfuse LSP10480 Datasheet HTML 2Page - Littelfuse LSP10480 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surge Protection Module
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/11/16
6
LED Lighting Surge Protection Module > LSP10
Notes:
1. 5A max. continuous current for series connection.
2. Nominal Discharge Current (In)(A): The nominal discharge current is a measure of the SPDs endurance capability; 15 impulses of discharge current uses the 8/20us current waveform.
3. Maximum Discharge Current (Imax)(A): The maximum discharge current is a measure of the SPDs maximum capability; single impulse of discharge current uses the 8/20us current waveform. All
Devices pass maximum discharge current with possible, safe opening of thermal disconnect.
4. MLV – UL1449 Measured limiting voltage; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (In); an average voltage value of
15 impulses.
5. Up – IEC 61643-11 Voltage protection level; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (In); a rounding voltage value of
maximum measurement.
6. MCOV/UC: Maximum Continuous Operating Voltage - maximum r.m.s. voltage that could be continuously applied to the SPD.
7. The series modules can be used in parallel connections for the indication circuit connection.
8. * = - P or PM
9. Repetitive Surge Withstanding: 15 strikes at 10,000A (8/20us) with steady MLV/Up.
LSP10 Series Device Ratings & Specifications
Part Number8
Operating
Voltage
(VAC)
MCOV/Uc
(VAC)6
Maximum
Discharge
Current
(Imax)(A)3
Nominal
Discharge
Current
(In)(A)2
MLV
(V)4
Up
(V)5
Safety Compliance
IEC/EN 61643-117
UL1449
LSP10120*
120
150
20,000
10,000
L-N:740
L-G:740
N-G:670
900
X
LSP10240*
240
275
20,000
10,000
L-N:1130
L-G:1130
N-G:1060
1200
X
X
LSP10277*
277
320
20,000
10,000
L-N:1330
L-G:1330
N-G:1260
1400
X
X
LSP10347*
347
420
20,000
10,000
L-N:1750
L-G:1750
N-G:1680
1900
X
LSP10480*
480
510
20,000
10,000
L-N:2020
L-G:2020
N-G:1960
2100
X
LSP10240LL*
L-L:240
L-L:275
20,000
10,000
L-L:1130
L-L:1200
X
L-N/G:120
L-N/G:150
L-N/G:740
L-N/G:900
X
LSP10480LL*
L-L:480
L-L:510
20,000
10,000
L-L:2020
L-L:2100
X
L-N/G:277
L-N/G:320
L-N/G:1330
L-N/G:1400
X
Repetitive Surge Capability for LSP10
1
10
100
1000
10000
100000
10
100
1000
10000
Impulse Duration (µs)
1
15
102
10
10
3
4
105
106
2
Figure 1
Pulse Rating
(8x20µSec)
Strikes
Surge
1
20,000A
2
15,000A
15
10,000A
100
3,000A
1,000
1,600A
10,000
650A
100,000
400A
1,000,000
240A


Número de pieza similar - LSP10480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LSP10480 LITTELFUSE-LSP10480 Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10480LLP LITTELFUSE-LSP10480LLP Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10480LLS LITTELFUSE-LSP10480LLS Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
More results

Descripción similar - LSP10480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05480P LITTELFUSE-LSP05480P Datasheet
479Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05
Revised: 11/04/19
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
   The Littelfuse LSP10 thermally protected Surge Protective
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com