Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-1432413-1 Datasheet(Hoja de datos) 3 Page - Tyco Electronics

No. de Pieza. 0-1432413-1
Descripción  Limiting continuous current 32 A at 85°C
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

   
 3 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
158
Contact Data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current
Limiting continuous current
23°C
85°C
105°C
Contact material
Max. switching voltage/power
Max. switching current
On 1)
Off 2)
Min. recommended current
Voltage drop at 10 A (initial)
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
1) Inrush current for lamp load.
2) See load limit curve.
Resistive / inductive loads
High inrush, lamp and capacitive loads
1 Make contact/
1 Changeover contact/
1 Make contact/
1 Changeover contact/
1 Form A
1 Form C
1 Form A
1 Form C
12 V
NC/NO
NC/NO
32 A
25/32 A
32 A
25/32 A
40 A
30 /40 A
40 A
30 /40 A
32 A
25 /32 A
32 A
25 /32 A
25 A
15 /25 A
25 A
15 /25 A
AgNi0.15 (VKP-***42)
AgSnO2 (VKP-***52)
See load limit curve
NC/NO
NC/NO
100 A
30 A/100 A
180 A
30 A/180 A
60 A
30 A/60 A
60 A
30 A/60 A
1 A at 5 V
Typ. 15 mV
Typ. 20/15 mV
Typ. 20 mV
Typ. 25/20 mV
> 107 operations
105 operations at 40 A, 14 V,
on NO contact
3
5
4
C
3
5
4
C
50
W
200
W
60
50
40
30
20
12
0.5
1
2
3
45
7
10
20
Switching Current (A)
75
30
40
10
ECR2128-U
Safe breaking, arc extinguished (normally
open contact) for resistive loads.
TE1091-B1
TE1086-A1
Circuit Diagram
1 Make contact /1 Form A
1 Changeover contact /1 Form C
Load Limit Curve




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl