Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7448012002 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7448012002
Descripción Electrónicos  WE-CMBNC Common Mode Power Line Choke Nanocrystalline
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448012002 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448012002 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448012002 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448012002 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448012002 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448012002 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448012002 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2015-02-16
2014-05-13
2014-04-02
2014-03-17
DATE
SSt
SSt
SSt
SSt
BY
HasA
SSt
HasA
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CMBNC Common Mode Power Line
Choke Nanocrystalline
Order.- No.
7448012002
SIZE
A4
Size: Type XS
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7448012002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7448012501 WURTH-7448012501 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
More results

Descripción similar - 7448012002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7448051012 WURTH-7448051012 Datasheet
905Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448030509 WURTH-7448030509 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052502 WURTH-7448052502 Datasheet
887Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060620 WURTH-7448060620 Datasheet
910Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448062105 WURTH-7448062105 Datasheet
922Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448042001 WURTH-7448042001 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040515 WURTH-7448040515 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040707 WURTH-7448040707 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052303 WURTH-7448052303 Datasheet
466Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448053201 WURTH-7448053201 Datasheet
898Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060814 WURTH-7448060814 Datasheet
911Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com