Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10LVELT23 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC10LVELT23
Descripción Electrónicos  Dual Differential LVPECL to TTL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10LVELT23 Datasheet(HTML) 1 Page - Motorola, Inc

  MC10LVELT23 Datasheet HTML 1Page - Motorola, Inc MC10LVELT23 Datasheet HTML 2Page - Motorola, Inc MC10LVELT23 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 0.2
© Motorola, Inc. 1998
3/98
Product Preview
Dual Differential LVPECL to
TTL Translator
The MC100LVELT23 is a dual differential LVPECL to TTL translator.
Because LVPECL (Positive ECL) levels are used only +3.3V and ground
are required. The small outline 8-lead SOIC package and the dual gate
design of the LVELT23 makes it ideal for applications which require the
translation of a clock and a data signal.
The LVELT23 is available in only the ECL 100K standard. Since there
are no LVPECL outputs or an external VBB reference, the LVELT23 does
not require both ECL standard versions. The LVPECL inputs are
differential; there is no specified difference between the differential input
10H and 100K standards. Therefore, the MC100LVELT23 can accept any
standard differential LVPECL input referenced from a VCC of 3.3V.
2.0ns Typical Propagation Delay
Differential LVPECL Inputs
Small Outline SOIC Package
24mA TTL Outputs
Flow Through Pinouts
ESD Performance: Human Body Model 1200V; Machine Model 150V
Note:
1)
Pulling the output higher than VCC is not recommended. Doing so
causes excessive leakage and possible latchup leading to reliability
risk.
1
2
3
45
6
7
8
Q0
GND
VCC
Figure 1. 8–Lead Pinout and Logic Diagram
D0
Q1
D1
D1
D0
LVPECL
TTL
This document contains information on a product under development. Motorola reserves the right to
change or discontinue this product without notice.
MC100LVELT23
PIN
FUNCTION
Qn
TTL Outputs
Dn
Diff LVPECL Inputs
VCC
+3.3V Supply
GND
Ground
PIN DESCRIPTION
D SUFFIX
8–LEAD PLASTIC SOIC PACKAGE
CASE 751–05


Número de pieza similar - MC10LVELT23

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10LVEL40DW ONSEMI-MC10LVEL40DW Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DW ONSEMI-MC10LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DWG ONSEMI-MC10LVEL40DWG Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DWG ONSEMI-MC10LVEL40DWG Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DWR2 ONSEMI-MC10LVEL40DWR2 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results

Descripción similar - MC10LVELT23

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vaishali Semiconductor
VT73LVP10 VAISH-VT73LVP10 Datasheet
69Kb / 3P
   TTL to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com