Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BCX18 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

No. de Pieza. BCX18
Descripción  General Purpose Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo 

BCX18 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120705
BCX17 Thru BCX20
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
Vdc
(I C = 10 mAdc, I B = 0)
BCX17, 19
45
BCX18, 20
25
Collector–Emitter Breakdown Voltage
V (BR)CES
Vdc
(I C = 10
µAdc, I
C = 0)
BCX17, 19
50
BCX18, 20
30
Collector Cutoff Current
I CBO
(V
CB = 20 Vdc, I E = 0)
100
nAdc
(V CB = 20 Vdc, I E = 0, T A = 150°C )
5.0
µAdc
Emitter Cutoff Current
I
EBO
——
10
µAdc
(V EB = 5.0 Vdc, I C = 0)
ON CHARACTERISTICS
DC Current Gain
hFE
( IC= 100 mAdc, VCE = 1.0 Vdc )
100
600
( IC= 300 mAdc, VCE = 1.0 Vdc )
70
( IC= 500 mAdc, VCE = 1.0 Vdc )
40
Collector–Emitter Saturation Voltage
V CE(sat)
0.62
Vdc
( IC = 500mAdc, IB = 50mAdc )
Base–Emitter On Voltage
V BE(on)
1.2
Vdc
( IC = 500 mAdc, VCE = 1.0 Vdc )


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn