Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8843AEGT250Z Datasheet(PDF) 5 Page - Analog Microelectronics

No. de pieza AME8843AEGT250Z
Descripción Electrónicos  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8843AEGT250Z Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8843AEGT250Z Datasheet HTML 1Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 2Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 3Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 4Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 5Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 6Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 7Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 8Page - Analog Microelectronics AME8843AEGT250Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AME
5
AME8843
750mA CMOS LDO
Rev. A.02
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.3V<=VO(NOM)<=1.4V
1900
1.4V<VO(NOM)<=2.0V
1400
2.0V<VO(NOM)<=2.8V
1000
2.8V<VO(NOM)
750
Output Current
IO
750
mA
Current Limit
ILIM
1500 2000
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.3V <= VO <= 1.4V
-0.2
0.2
1.4V < VO <= 2.0V
-0.15
0.15
2.0V < VO < 4.0V
-0.1
0.02
0.1
4.0V <= VO
-0.4
0.2
0.4
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=100Hz
60
f=1kHz
50
f=10kHz
20
dB
PSRR
IO=1mA to 750mA
IO=100mA
CO=2.2µF
µVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0µF
Co=2.2
µF
30
Power Supply Rejection
VO>1.2V
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 750mA
Test Condition
IO=1mA
See
chart
mV
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
%
Dropout Voltage
VDROPOUT
IO=750mA
VO=VO(NOM) -2.0%
n Electrical Specifications
T
A = 25
OC unless otherwise noted
Note1: V
IN(MIN)=VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Número de pieza similar - AME8843AEGT250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AME8843AEGT250Z AKM-AME8843AEGT250Z Datasheet
96Kb / 9P
   750mA CMOS LDO
More results

Descripción similar - AME8843AEGT250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com