Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-231666-9 Datasheet(Hoja de datos) 1 Page - TE Connectivity Ltd

No. de Pieza. 0-231666-9
Descripción  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
©2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or company names may be trademarks of their respective owners.
1 of 6
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
408-9767
Modular Plug Hand Tools
(Premium Grade) 231652-[ ]
12 JUN 14 Rev R
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
1. INTRODUCTION
Modular Plug Hand Tools 231652-[ ] (shown in
Figure 1) are designed to terminate modular plug
connectors onto stranded or solid, shielded or
unshielded flat oval cable or round cable. The tool also
cuts and strips unshielded flat oval cable. Other cable
must be prepared by separate tools.
Each tool includes Die Set (853400-[ ]) (see Figure 2),
except Tool 2-231652-0 which is available without a
die set. The die sets are also available separately.
All numerical values in this instruction sheet are in
metric units [with U.S. customary units in brackets].
Dimensions are in millimeters [and inches]. Figures
are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
Figure 1
2. DESCRIPTION (FIgure1)
The die set consists of a nest and an indenter, each
marked with a color-code dot. The die set is held in the
tool by a single die-holding screw. Each die set is
unique to its purpose, but die sets can be
interchanged to accommodate any modular plug.
Refer to Figure 2.
The tool features a wire cutter and flat oval cable
stripper to prepare unshielded flat oval cable. The tool
handle ensures full crimping. Once engaged, the
ratchet will not release until the handles have been
FULLY closed, unless the ratchet release (pawl) is
depressed to manually release the ratchet. When
depressed, the pawl prevents crimping of an
improperly positioned modular plug.
The BLACK color-coded tool and die set can be used for non-keyed
modular plugs; however, the RED color-coded tool and die set are
more durable when crimping non-keyed modular plugs.
† Includes 2119000-1 JacKnack Tool (408-10326).
Figure 2
The dies bottom before the ratchet releases. This
feature ensures maximum electrical and tensile
performance of the crimp. DO NOT re-adjust the
ratchet.
NOTE
i
Flat Oval
Cable
Stripper
Die Holding
Screw
Nest (Die)
Color Code Dot
Ratchet
Ratchet
Release
(Pawl)
Handle
Indenter (Die)
Color Code Dot
Cable Cutter
DO NOT cycle the tool
without a die in place;
otherwise, damage to the
stripping blades may occur.
!
CAUTION
TOOL
DIE SET
PART
NUMBER
COLOR
CODE DOT
DESCRIPTION
(Modular Plug Type)
2-231652-1†
0-853400-1
Black
8-Position Line
Blue (Small Conductor)
Keyed, Non-Keyed
Shielded
2-231652-3
0-853400-3
Green
4-Position
Handset
2-231652-6
0-853400-6
Orange
6-Position
Offset Latch
2-231652-7
0-853400-7
Violet
6-Position
Long Body
2-231652-8
0-853400-8
Blue
2-, 4-, 6-Position Line
Blue (Small Conductor)
3-231652-0†
1-853400-0
White
8-Position
High Performance
3-231652-5
1-853400-3
Red
8-Position Line
Blue (Small Conductor)
Non-Keyed
3-231652-6
1-853400-4
Gray
8-Position Slimline
Category 6/6A
!
CAUTION




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl