Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR040-0700-27F9-10100TW Datasheet(PDF) 2 Page - Cree, Inc

No. de pieza LMR040-0700-27F9-10100TW
Descripción Electrónicos  LED Module with TrueWhite Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

LMR040-0700-27F9-10100TW Datasheet(HTML) 2 Page - Cree, Inc

  LMR040-0700-27F9-10100TW Datasheet HTML 1Page - Cree, Inc LMR040-0700-27F9-10100TW Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and TrueWhite® are registered trademarks and the Cree
TrueWhite Technology logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. UL® and the UR logo are registered trademarks of UL LLC.
2
LMR4 LED MoDuLEs
ChaRaCTERisTiCs
Cree TrueWhite Technology is a revolutionary way of generating white light with LEDs. It delivers high efficiency with beautiful light
characteristics and color accuracy, while maintaining color consistency over the life of the product.
nominal
Luminous flux
(lm)
CCT
(K)
CRi
input
Power
(W)
Module
Efficacy
(lm/W)
input
Voltage (V)/
frequency
(hz)*
Power
factor
Dimming
order Code
700
4000
> 90
9.5
74
120/60
> .80
TRIAC
LMR040-0700-40F9-10100TW
3500
> 90
9.5
74
120/60
> .80
TRIAC
LMR040-0700-35F9-10100TW
3000
> 90
9.5
74
120/60
> .80
TRIAC
LMR040-0700-30F9-10100TW
2700
> 90
9.5
74
120/60
> .80
TRIAC
LMR040-0700-27F9-10100TW
1000
4000
> 90
15
67
120/60
> .95
TRIAC
LMR040-1000-40F9-10100TW
230/50
> .90
TRIAC
LMR040-1000-40F9-20100TW
3500
> 90
15
67
120/60
> .95
TRIAC
LMR040-1000-35F9-10100TW
230/50
> .90
TRIAC
LMR040-1000-35F9-20100TW
3000
> 90
15
67
120/60
> .95
TRIAC
LMR040-1000-30F9-10100TW
230/50
> .90
TRIAC
LMR040-1000-30F9-20100TW
2700
> 90
15
67
120/60
> .95
TRIAC
LMR040-1000-27F9-10100TW
230/50
> .90
TRIAC
LMR040-1000-27F9-20100TW
* Input ranges are 110–130 V/60–70 Hz and 220–240 V/50–60 Hz.
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements.
ChRoMaTiCiTy
The Cree LMR4 LeD module provides high color consistency
around the specified color temperature. Individual LEDs are
tested and matched in order to meet our designed chromaticity
specification.
Secondary optics can be added to the module but will reduce light
output and may also alter the color characteristics of the final
luminaire design.
ThERMaL ManagEMEnT guiDELinEs
The Cree LMR4 LeD module is designed to perform in a variety
of environments. To achieve lifetime and performance estimates,
and to maintain the warranty, the final luminaire design cannot
allow the module case temperature (Tc) point shown on page
one to exceed 70  °C when the fixture is at thermal equilibrium.
Follow the mechanical and thermal design guidelines listed in the
Cree LMR4 LeD Module Design Guide to ensure proper thermal
management.
operating Temperature
(at Tc point)
0-70 °C
PhoToMETRy
intensity (Candlepower)
angle
700 lm
Mean CP
1000 lm
Mean CP
365
491
362
476
15°
340
441
25°
300
395
35°
245
318
45°
184
244
55°
124
159
65°
71
90
75°
37
46
85°
27
33
90°
0
0
ZonaL LuMEns – 700
Zone
Lumens
%
0-30°
242
35
0-40°
381
55
0-60°
607
87
0-90°
700
100
ZonaL LuMEns – 1000
Zone
Lumens
%
0-30°
255
24
0-40°
451
43
0-60°
817
77
0-90°
1057
100
300
200
100
0
45
90
400
500
700 lm
1000 lm
100
200
300
400
500
90°
45°
900
600
300
0
1200
37w
27w
45
90
12 W
15 W


Número de pieza similar - LMR040-0700-27F9-10100TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
More results

Descripción similar - LMR040-0700-27F9-10100TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
LMH6 CREE-LMH6 Datasheet
772Kb / 5P
   LED Module with Cree TrueWhite Technology
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
LMR040-0700-40F8-10100EW CREE-LMR040-0700-40F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
   Bluetooth짰 technology module
logo
IXYS Corporation
MUBW15-12T7 IXYS-MUBW15-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-17T8 IXYS-MUBW75-17T8 Datasheet
329Kb / 8P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-12T8 IXYS-MUBW75-12T8 Datasheet
265Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW25-12T7 IXYS-MUBW25-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com