Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4-1393763-8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza 4-1393763-8
Descripción Electrónicos  Direct coil control with TTL-signals possible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393763-8 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  4-1393763-8 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393763-8 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393763-8 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393763-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal
Signal Relays
Reed Relay V23100 -V4 (Continued)
Product Code
Version
Coil
Arrangement
Diode/shield
Part number
V23100-V4005-A000
DIP flat
5VDC
1 form A (NO)
Standard
1393763-1
V23100-V4012-A000
12VDC
1393763-6
V23100-V4015-A000
15VDC
1-1393763-0
V23100-V4024-A000
24VDC
1-1393763-4
V23100-V4005-A010
5VDC
Diode
1393763-4
V23100-V4012-A010
12VDC
1393763-8
V23100-V4015-A010
15VDC
1-1393763-2
V23100-V4024-A010
24VDC
1-1393763-6
V23100-V4305-C000
5VDC
1 form C (CO)
Standard
2-1393763-0
V23100-V4312-C000
12VDC
2-1393763-8
V23100-V4315-C000
15VDC
3-1393763-4
V23100-V4324-C000
24VDC
4-1393763-0
V23100-V4005-A011
5VDC
1 form A (NO)
Diode and shield
1393763-3
V23100-V4012-A011
12VDC
1393763-9
V23100-V4015-A011
15VDC
1-1393763-3
V23100-V4024-A011
24VDC
1-1393763-7
V23100-V4305-B000
DIP high
5VDC
2 form A (NO)
Standard
1-1393763-8
V23100-V4312-B000
12VDC
2-1393763-6
V23100-V4315-B000
15VDC
3-1393763-2
V23100-V4324-B000
24VDC
3-1393763-8
V23100-V4305-B010
5VDC
Diode
1-1393763-9
V23100-V4312-B010
12VDC
2-1393763-7
V23100-V4315-B010
15VDC
3-1393763-3
V23100-V4324-B010
24VDC
3-1393763-9
V23100-V4305-C010
5VDC
1 form C (CO)
2-1393763-2
V23100-V4312-C010
12VDC
3-1393763-0
V23100-V4315-C010
15VDC
3-1393763-6
V23100-V4324-C010
24VDC
4-1393763-2
V23100-V4305-C011
5VDC
Diode and shield
2-1393763-3
V23100-V4312-C011
12VDC
3-1393763-1
V23100-V4315-C011
15VDC
3-1393763-7
V23100-V4324-C011
24VDC
4-1393763-3
V23100-V4505-A000
SIL
5VDC
1 form A (NO)
Standard
4-1393763-4
V23100-V4512-A000
12VDC
4-1393763-7
V23100-V4515-A000
15VDC
4-1393763-9
V23100-V4524-A000
24VDC
5-1393763-1
V23100-V4505-A010
5VDC
Diode
4-1393763-5
V23100-V4512-A010
12VDC
4-1393763-8
V23100-V4515-A010
15VDC
5-1393763-0
V23100-V4524-A010
24VDC
5-1393763-2
V23100-V4605-A000
Mini SIL
5VDC
Standard
1422026-2
V23100-V4612-A000
12VDC
1422026-3
V23100-V4605-A010
5VDC
Diode
1422026-5
V23100-V4612-A010
12VDC
1422026-6


Número de pieza similar - 4-1393763-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
4-1393763-8 MACOM-4-1393763-8 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
4-1393763-8 MACOM-4-1393763-8 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
4-1393763-8 TEC-4-1393763-8 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results

Descripción similar - 4-1393763-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
V23100V4324C010 MACOM-V23100V4324C010 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100-V4005-A000 MACOM-V23100-V4005-A000 Datasheet
2Mb / 13P
   Direct coil control with TTL-signals possible
V23100V4005A000 MACOM-V23100V4005A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100V4024A000 MACOM-V23100V4024A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
V23100-V4 TEC-V23100-V4 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
   Control input signals are switch configurable
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com