Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

408-10266 Datasheet(PDF) 5 Page - Tyco Electronics

No. de Pieza. 408-10266
Descripción  Insert the shank of the nest into the yoke and tighten the set screw.
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

408-10266 Datasheet(HTML) 5 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
408-10266
PIDG Terminal Crimping Die 2063361-1
5 of 6
Rev A
Tyco Electronics Corporation
Wire Barrel Die
Closure Configurations
GO Dimension
NO-GO Dimension
50.8 [2.000] Min. Typ
Insulation Barrel Die
Closure Configurations
GO Dimension
NO-GO Dimension
6.35 [.250] Typ
W"
DIE SET
WIRE BARREL CRIMP CHAMBER
INSULATION BARREL CRIMP CHAMBER
DIE SET
GO
NO-GO
GO
NO-GO
WIDTH (W)
2063361-1
4.293-4.300
[.1690-.1693]
4.442-4.445
[.1749-.1750]
1.626-1.633
[.0640-.0643]
2.131-2.134
[.0839-.0840]
4.34 [.171] Max.
Figure 5
Figure 6
GO" Gage Must Pass Completely Through Die Closure
GO" Gage Must Pass Completely Through Die Closure
NO-GO" Gage May Enter Partially, but Must
Not Pass Completely Through the Die Closure
NO-GO" Gage May Enter Partially, but Must
Not Pass Completely Through the Die Closure
Inspection of Wire Barrel Crimping Dies (Detail A)
Inspection of Insulation Barrel Crimping Dies (Detail B)
Wire Barrel Dies
Bottomed, but Not
Under Pressure
Adjustment Spacers
in No. 3 Position
Adjustment Spacers
in No. 1 Position
Insulation
Dies
Wire Barrel Gage Must Pass
Through the Insulation Crimp
Die Closure to Enter Wire
Barrel Crimp Die Closure


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn