Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8852-AEV370 Datasheet(PDF) 7 Page - Analog Microelectronics |
|
AME8852-AEV370 Datasheet(HTML) 7 Page - Analog Microelectronics |
7 / 23 page AME 7 AME8852 Rev. B.01 High PSRR, LowNoise, 150mA CMOS Regulator n Electrical Specifications V IN=VOUT(NOM) +1V, (for VOUT<2V, VIN=2.5V), IOUT=1mA, and COUT=1µF, CIN=1µF unless otherwise noted. Typical values are at T A=25 o C. Parameter Symbol Min Typ Max Units Input Voltage VIN 2.5 5.5 V Output Accuracy VOUT,ACC -2.0 2.0 % Output Voltage Range VOUT 0.8 4.3 V Note2 400 300 110 230 Output Current IOUT 150 mA Quiescent Current IQ 60 90 µA 0.125 0.25 0.1 0.2 0.05 0.1 0.05 0.1 2.5 5 1.7 4 1.0 3 %/V REGLINE %/A IOUT=1mA, 0.8V VOUT 1.2V, 2.5V VIN 3.5V IOUT=1mA, 1.2V<VOUT 2.0V, 2.5V VIN 3.5V Line Regulation 1mA IOUT 150mA 2.0V<VOUT(NOM) REGLOAD Load Regulation IOUT=1mA, 2.0V<VOUT 4.2V, VIN(MIN) VIN VIN(MIN)+1V IOUT=1mA, 4.2V<VOUT 4.5V, VIN(MIN) VIN 5.5V 1mA IOUT 150mA 0.8V VOUT(NOM) 1.2V 1mA IOUT 150mA 1.2V VOUT(NOM) 2.0V IOUT=0mA mV IOUT=150mA, 2.8V<VOUT(NOM) Test Condition IOUT=1mA Dropout Voltage (Note 1) VDROP IOUT=150mA, 0.8V VOUT(NOM) 1.9V IOUT=150mA 1.9V<VOUT(NOM) 2.4V IOUT=150mA 2.4V<VOUT(NOM) 2.8V OUT IN OUT V V V % 100 × ∆ ∆ OUT OUT OUT I V V ∆ × ∆ % 100 |
Número de pieza similar - AME8852-AEV370 |
|
Descripción similar - AME8852-AEV370 |