Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMOC3082H Datasheet(PDF) 3 Page - COSMO Electronics Corporation

No. de pieza KMOC3082H
Descripción Electrónicos  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3082H Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KMOC3082H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3082H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42003.2
- 3 -
http://www.cosmo-ic.com
cosmo
KMOC308X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Off-state output terminal voltage
VDRM
800
VPEAK
On-state R.M.S. current
IT(RMS)
100
mA
Peak repetitive surge current (PW=10ms.DC 10%)
ITSM
1
A
Power dissipation
PD
300
mW
Total power dissipation
Ptot
330
mW
Isolation voltage 1 minute
Viso
5300
Vrms
Operating temperature
Topr
-40 to +115
Storage temperature
Tstg
-50 to +125
Soldering temperature 10 seconds
Tsol
260
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.4
V
Reverse current
IR
VR=4V
-
-
10
μA
Output
Peak blocking current
IDRM
VDRM Rated
-
-
500
nA
On-state voltage
VTM
ITM=100mA
-
1.8
3
V
Transfe
r
charac-
teristics
Holding current
IH
-
0.1
-
mA
Critical rate of rise of off-state
voltage
dv/dt
VDRM=(1/ 2 )*Rated
1000
-
-
V/μs
Inhibit voltage (MT1-MT2 voltage
above which device will not trigger)
VINH
IF= Rated IFT
-
10
20
V
Leakage in inhibited state
IDRM2
IF=Rated IFT, Rated VDRM,
Off State
-
-
500
μA
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ω
Minimum trigger current
IFT
Main terminal
voltage=3V
KMOC3081
-
-
15
mA
KMOC3082
-
-
10
mA
KMOC3083
-
-
5
mA
 Static dv/dt Test Circuit
R=10KΩ
X100
SCOPE
PROBE
D.U.T
CTEST
Vdc
RTEST
MERCURY
WETTED
RELAY
PULSE
INPUT
APPLIED VOLTAGE
WAVEFORM
0 VOLTS
Vmax
dv/dt =
0.63 Vmax
τRC
τRC
0.63 Vmax


Número de pieza similar - KMOC3082H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC3082H COSMO-KMOC3082H Datasheet
88Kb / 6P
   PRODUCT SPECIFICATION
More results

Descripción similar - KMOC3082H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com